Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM26LV32EIDR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LV32EIDR
Description  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LV32EIDR Datasheet(HTML) 3 Page - Texas Instruments

  AM26LV32EIDR Datasheet HTML 1Page - Texas Instruments AM26LV32EIDR Datasheet HTML 2Page - Texas Instruments AM26LV32EIDR Datasheet HTML 3Page - Texas Instruments AM26LV32EIDR Datasheet HTML 4Page - Texas Instruments AM26LV32EIDR Datasheet HTML 5Page - Texas Instruments AM26LV32EIDR Datasheet HTML 6Page - Texas Instruments AM26LV32EIDR Datasheet HTML 7Page - Texas Instruments AM26LV32EIDR Datasheet HTML 8Page - Texas Instruments AM26LV32EIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Enable
G, G
EQUIVALENT OF EACH
ENABLE INPUT (G, G)
VCC
GND
EQUIVALENT OF EACH INPUT (A, B)
TYPICAL OF EACH RECEIVER OUTPUT
Output
VCC
GND
GND
V
or
GND(B)
CC(A)
A, B
2.4 kΩ
2.4 kΩ
1.5 kΩ
1.5 kΩ
5 kΩ
200 kΩ
7 kΩ
VCC
ABSOLUTE MAXIMUM RATINGS
(1) (2)
AM26LV32E
www.ti.com............................................................................................................................................................... SLLS849A – APRIL 2008 – REVISED MAY 2008
SCHEMATIC
All resistor values are nominal.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(3)
–0.5
6
V
A or B inputs
–14
14
V
VI
Input voltage range
Enable Inputs
–0.5
6
V
VID
Differential input voltage(4)
–14
14
V
VO
Output voltage range
–0.5
6
V
IIK
Input clamp current range
VI < 0
–20
mA
IOK
Output clamp current range
VO < 0
–20
mA
lO
Maximum output current
±20
mA
TJ
Operating virtual junction temperature
150
°C
D package
73
NS package
64
θ
JA
Package thermal impedance(5)(6)
°C/W
PW package
108
RGY package
39
TA
Operating free-air temperature range
–40
85
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
This device is designed to meet TIA/EIA-422-B and ITU.
(3)
All voltage values except differential input voltage are with respect to the network GND.
(4)
Differential input voltage is measured at the noninverting input with respect to the corresponding inverting input.
(5)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Selecting the maximum of 150°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): AM26LV32E


Similar Part No. - AM26LV32EIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LV32EIDR TI-AM26LV32EIDR Datasheet
753Kb / 17P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Similar Description - AM26LV32EIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LV32E TI-AM26LV32E Datasheet
753Kb / 17P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E-EP TI-AM26LV32E-EP Datasheet
326Kb / 11P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E TI-AM26LV31E_10 Datasheet
690Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E TI-AM26LV31E Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E-EP TI-AM26LV31E-EP Datasheet
353Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32C TI-AM26LV32C_08 Datasheet
671Kb / 22P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32 TI-AM26LV32 Datasheet
371Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com