Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC3501 Datasheet(PDF) 3 Page - Gulf Semiconductor

Part # GBPC3501
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:35.0A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

GBPC3501 Datasheet(HTML) 3 Page - Gulf Semiconductor

  GBPC3501 Datasheet HTML 1Page - Gulf Semiconductor GBPC3501 Datasheet HTML 2Page - Gulf Semiconductor GBPC3501 Datasheet HTML 3Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev.A6
www.gulfsemi.com


Similar Part No. - GBPC3501

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3501 PANJIT-GBPC3501 Datasheet
38Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes)
logo
CHENG-YI ELECTRONIC CO....
GBPC3501 CHENG-YI-GBPC3501 Datasheet
167Kb / 2P
   15/25/35 A GLASS PASSIVATED BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
GBPC3501 NJSEMI-GBPC3501 Datasheet
165Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Surge Components
GBPC3501 SURGE-GBPC3501 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
GBPC3501 SECOS-GBPC3501 Datasheet
345Kb / 2P
   Molding Single-Phase Bridge Rectifier
More results

Similar Description - GBPC3501

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
KBPC35005 GULFSEMI-KBPC35005 Datasheet
609Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 35.0A
G10XB05 GULFSEMI-G10XB05 Datasheet
127Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
G6XB05 GULFSEMI-G6XB05 Datasheet
139Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
GSIB6A05 GULFSEMI-GSIB6A05 Datasheet
137Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
KBP005M GULFSEMI-KBP005M Datasheet
110Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:1.5A
UG6KB05 GULFSEMI-UG6KB05 Datasheet
151Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
GBU8A GULFSEMI-GBU8A Datasheet
162Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 8.0A
GSIB10A05 GULFSEMI-GSIB10A05 Datasheet
151Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
GSIB805 GULFSEMI-GSIB805 Datasheet
148Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 8.0A
GSIB2505 GULFSEMI-GSIB2505 Datasheet
143Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 25.0A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com