Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBL04 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # GBL04
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:4.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

GBL04 Datasheet(HTML) 1 Page - Gulf Semiconductor

  GBL04 Datasheet HTML 1Page - Gulf Semiconductor GBL04 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A9
www.gulfsemi.com
GBL005 THRU GBL10
SINGLE
PHASE
GLASS
PASSIVATED
BRIDGE
RECTIFIER
Voltage: 50
to
1000V
Current:4.0A
Features
GBL
Glass passivated chip junction
High case dielectric strength
High surge current capability
Ideal for printed circuit board
Mechanical Data
Terminal: Plated leads solderable per MIL-STD 202E,
Method 208C
Case: UL-94 Class V-0 recognized Flame Retardant Epoxy
Polarity: Polarity symbol marked on body
Mounting position: any
Dimensions in millimeters
MAXIMUM
RATINGS
AND
ELECTRICAL
CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated,
for capacitive load, derate current by 20%)
Symbol
GBL0
05
GBL0
1
GBL0
2
GBL0
4
GBL0
6
GBL0
8
GBL1
0
units
Maximum repetitive peak reverse voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum average forward
Tc = 50℃(Note1)
rectified output current
Ta = 40℃(Note2)
If(av)
4.0
3.0
A
Peak
forward
surge
current
single
sine-wave
superimposed on rated load (JEDEC Method)
Ifsm
150
A
Maximum instantaneous forward voltage drop per leg at
4.0A
Vf
1.0
V
Rating for fusing (t < 8.3ms)
I2t
93
A2Sec
Maximum DC reverse current at
Ta = 25°C
rated DC blocking voltage per leg
Ta = 125°C
Ir
5.0
500
µA
Maximum thermal resistance per leg
Rth(ja)
Rth(jc)
22
3.5
℃/W
Typical junction capacitance per leg at 4.0V,1MHz
Cj
95
40
pF
Operating junction and storage temperature range
Tj, Tstg
-55 to +150
Note:
1. Unit mounted on P.C.B. with 3.0 x 3.0 x 0.11" thick (7.5 x 7.5 x 0.3 cm) Aluminum plate
2. Unit mounted on P.C.B. at 0.375" (9.5mm) lead length and 0.5 x 0.5"(12 x 12mm) copper pads


Similar Part No. - GBL04

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBL04 WTE-GBL04 Datasheet
40Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
SAMYANG ELECTRONICS CO....
GBL04 SAMYANG-GBL04 Datasheet
871Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
GBL04 CHENG-YI-GBL04 Datasheet
149Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Mospec Semiconductor
GBL04 MOSPEC-GBL04 Datasheet
131Kb / 2P
   Low Forward Voltage Drop
logo
General Semiconductor
GBL04 GE-GBL04 Datasheet
90Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - GBL04

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
G3SBA05 GULFSEMI-G3SBA05 Datasheet
128Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
GBLA005 GULFSEMI-GBLA005 Datasheet
186Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:4.0A
GSIB4A05 GULFSEMI-GSIB4A05 Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
GSIB405 GULFSEMI-GSIB405 Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
GBU4A GULFSEMI-GBU4A Datasheet
154Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
UG4KB05 GULFSEMI-UG4KB05 Datasheet
160Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
KBL005 GULFSEMI-KBL005 Datasheet
87Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:4.0A
G10XB05 GULFSEMI-G10XB05 Datasheet
127Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
G6XB05 GULFSEMI-G6XB05 Datasheet
139Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
GSIB6A05 GULFSEMI-GSIB6A05 Datasheet
137Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com