Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJPC2R2MF Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELJPC2R2MF
Description  High Power Type PF, PE, PC, PA, PB
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPC2R2MF Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELJPC2R2MF Datasheet HTML 1Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 2Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 3Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 4Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 5Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 6Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.4
±0.2
2.5
+0.3
Marking
–0.2
3.5 to 4.0
1.4 to 1.5
Part No.
Inductance
Q
SRF
1
(MHz) min.
RDC
2
( ) max.
DC Current
(mA) max.
(µH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJPC1R0MF
1.0
M : ±20 %
7.96
10
7.96
95
0.45
475
ELJPC1R5MF
1.5
85
0.55
435
ELJPC2R2MF
2.2
65
0.65
390
ELJPC3R3MF
3.3
8
55
0.85
340
ELJPC4R7MF
4.7
43
1.2
285
ELJPC6R8KF
6.8
K : ±10 %
8.5
44
1.3
170
ELJPC100KF
10
2.52
20
2.52
32
2.2
210
ELJPC120KF
12
25
2.7
195
ELJPC150KF
15
21
3.2
175
ELJPC220KF
22
18
4.0
160
ELJPC330KF
33
16
6.5
120
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
PC Type 2520 (1008)
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Standard Packing Quantity
2000 pcs./Reel
Standard Parts
Feb. 2006


Similar Part No. - ELJPC2R2MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPC2R2MF PANASONIC-ELJPC2R2MF Datasheet
571Kb / 15P
   Chip inductors
ELJPC2R2MF PANASONIC-ELJPC2R2MF Datasheet
283Kb / 5P
   High Power Types PF, PE, PC, PA, PB
ELJPC2R2MF PANASONIC-ELJPC2R2MF Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJPC2R2MF PANASONIC-ELJPC2R2MF Datasheet
220Kb / 10P
   Low DCR and large current capability, suitable for power circuitry.
ELJPC2R2MF3 PANASONIC-ELJPC2R2MF3 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
More results

Similar Description - ELJPC2R2MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPF2N2DF PANASONIC-ELJPF2N2DF Datasheet
283Kb / 5P
   High Power Types PF, PE, PC, PA, PB
ELJ-LA4R7KF PANASONIC-ELJ-LA4R7KF Datasheet
134Kb / 7P
   4. High Power Type PF, PE, PC, PA, PB, LC, LA
logo
List of Unclassifed Man...
PA277Y ETC2-PA277Y Datasheet
80Kb / 4P
   PA and PB Series Panel Protection Devices
logo
Eudyna Devices Inc
P0120009P EUDYNA-P0120009P Datasheet
818Kb / 13P
   2W GaAs Power FET (Pb-Free Type)
P0120008P EUDYNA-P0120008P Datasheet
833Kb / 13P
   1W GaAs Power FET (Pb-Free Type)
P0120002P EUDYNA-P0120002P Datasheet
840Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
P0120004P EUDYNA-P0120004P Datasheet
821Kb / 13P
   1.5W GaAs Power FET (Pb-Free Type)
P0120003P EUDYNA-P0120003P Datasheet
845Kb / 13P
   800mW GaAs Power FET (Pb-Free Type)
P0120007P EUDYNA-P0120007P Datasheet
778Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
logo
LIGITEK electronics co....
L8Y8G55162-PF LIGITEK-L8Y8G55162-PF Datasheet
126Kb / 7P
   Pb BIPOLAR TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com