Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN9612MX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN9612MX
Description  Interleaved Dual BCM PFC Controllers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN9612MX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN9612MX Datasheet HTML 5Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 6Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 7Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 8Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 9Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 10Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 11Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 12Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN9611 / FAN9612 • Rev. 1.0.1
9
2.
Interleaving
The FAN9611/12 control IC is configured to control two
boost converters connected in parallel, both operated in
boundary conduction mode. In this arrangement, the
input and output voltages of the two parallel converters
are the same and each converter is designed to
process approximately half the total output power.
Figure 8. Interleaved PFC Boost Operation
Parallel power processing is penalized by the increased
number of power components, but offers significant
benefits to keep current and thermal stresses under
control and to increase the power handling capability of
the otherwise limited BCM PFC control solution.
Furthermore, the switches of the two boost converters
can be operated 180 degrees out of phase from each
other. The control of parallel converters operating 180
degrees out of phase is called interleaving. Interleaving
provides considerable ripple current reduction at the
input and output terminals of the power supply, which
favorably affects the input EMI filter requirements and
reduces the high-frequency RMS current of the power
supply output capacitor.
There is an obvious difficulty in interleaving two BCM
boost converters. Since the converter’s operating
frequency is influenced by component tolerances in the
power stage and in the controller, the two converters
operate at different frequencies. Therefore special
attention must be paid to ensure that the two converters
are locked to 180-degree out-of-phase operation.
Consequently, synchronization is a critical function of
an interleaved boundary conduction mode PFC
controller. It is implemented in the FAN9611/12 using
proprietary and dedicated circuitry called Sync-Lock™
interleaving technology.
3.
Voltage Regulation, Voltage Mode Control
The power supply’s output voltage is regulated by a
negative feedback loop and a pulse width modulator.
The negative feedback is provided by an error amplifier
that compares the feedback signal at the inverting input
to a reference voltage connected to the non-inverting
input of the amplifier. Similar to other PFC applications,
the error amplifier is compensated with high DC gain for
accurate voltage regulation, but very low bandwidth to
suppress line frequency ripple present across the
output capacitor of the converter. The line frequency
ripple is the result of the constant output power of the
converter and the fact that the input power is the
product of a sinusoidal current and a sinusoidal voltage
thus follows a sine square function. Eliminating the line
frequency component from the feedback system is
imperative to maintain low total harmonic distortion
(THD) in the input current waveform.
The pulse width modulator implements voltage mode
control. This control method compares an artificial ramp
to the output of the error amplifier to determine the
desired on-time of the converter’s power transistor to
achieve output voltage regulation.
Figure 9. PWM Operation
In
FAN9611/12,
there
are
two
PWM sections
corresponding to the two parallel power stages. For
proper interleaved operation, two independent 180-
degree
out-of-phase
ramps
are
needed;
which
necessitates the two pulse width modulators. To ensure
that the two converters process the same amount of
power, the artificial ramps have the same slope and use
the same control signal generated by the error amplifier.
4.
Input-Voltage Feedforward
Basic voltage-mode control, as described in the
previous section, provides satisfactory regulation
performance
in
most
cases.
One
important
characteristic of the technique is that input voltage
variation to the converter requires a corrective action
from the error amplifier to maintain the output at the
desired voltage. When the error amplifier has adequate
bandwidth, as in most DC-DC applications, it is able to
maintain regulation within a tolerable output voltage
range during input voltage changes.
On the other hand, when voltage-mode control is used
in power factor corrector applications; the error amplifier
bandwidth, and its capability to quickly react to input
voltage changes, is severely limited. In these cases, the
input voltage variation can cause excessive overshoot
or droop at the converter output as the input voltage
goes up or down.
To overcome this shortcoming of the voltage-mode
PWM
circuit
in
PFC
applications,
input-voltage
feedforward is often employed. It can be shown
mathematically that a PWM ramp proportional to the
square of the input voltage rejects the effect of input
voltage variations on the output voltage and eliminates
the need of any correction by the error amplifier.


Similar Part No. - FAN9612MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
More results

Similar Description - FAN9612MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611_11 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2376AT NXP-TEA2376AT Datasheet
459Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 8 November 2023
TEA2376BT NXP-TEA2376BT Datasheet
466Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
   Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com