Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8412DDWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8412DDWR
Description  Dual Full Bridge PWM Motor Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8412DDWR Datasheet(HTML) 1 Page - Texas Instruments

  DRV8412DDWR Datasheet HTML 1Page - Texas Instruments DRV8412DDWR Datasheet HTML 2Page - Texas Instruments DRV8412DDWR Datasheet HTML 3Page - Texas Instruments DRV8412DDWR Datasheet HTML 4Page - Texas Instruments DRV8412DDWR Datasheet HTML 5Page - Texas Instruments DRV8412DDWR Datasheet HTML 6Page - Texas Instruments DRV8412DDWR Datasheet HTML 7Page - Texas Instruments DRV8412DDWR Datasheet HTML 8Page - Texas Instruments DRV8412DDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
GVDD
GVDD
PVDD
PVDD
M
M
Controller
RESET_AB
PWM_B
OC_ADJ
GND
GND_A
GND_B
OUT_B
PVDD_B
AGND
VREG
M3
M2
BST_B
BST_C
PVDD_C
OUT_C
RESET_CD
PWM_D
VDD
GVDD_C
OUT_D
PVDD_D
BST_D
GVDD_D
PWM_C
GND_D
M1
GND_C
GVDD_B
OTW
FAULT
PWM_A
GVDD_A
BST_A
PVDD_A
OUT_A
DRV8412
DRV8432
www.ti.com
SLES242C – DECEMBER 2009 – REVISED MAY 2010
Dual Full Bridge PWM Motor Driver
Check for Samples: DRV8412, DRV8432
The DRV8412/32 require two power supplies, one at
1
FEATURES
12 V for GVDD and VDD, and another up to 50 V for
High-Efficiency Power Stage (up to 97%) with
PVDD. The DRV8412/32 can operate at up to
Low RDS(on) MOSFETs (80 mΩ at TJ = 25°C)
500-kHz switching frequency while still maintain
Operating Supply Voltage up to 50 V
precise control and high efficiency. They also have an
(70 V Absolute Maximum)
innovative protection system safeguarding the device
against a wide range of fault conditions that could
DRV8412 (power pad down): up to 2 x 3 A
damage
the
system.
These
safeguards
are
Continuous Output Current (2 x 6 A Peak) in
short-circuit
protection,
overcurrent
protection,
Dual Full Bridge Mode or 6 A Continuous
undervoltage
protection,
and
two-stage
thermal
Current in Parallel Mode (12 A Peak)
protection. The DRV8412/32 have a current-limiting
DRV8432 (power pad up): up to 2 x 7 A
circuit that prevents device shutdown during load
Continuous Output Current ( 2 x 12 A Peak) in
transients such as motor start-up. A programmable
Dual Full Bridge Mode or 14 A Continuous
overcurrent detector allows adjustable current limit
and
protection
level
to
meet
different
motor
Current in Parallel Mode (24 A Peak)
requirements.
PWM Operating Frequency up to 500 kHz
The DRV8412/32 have unique independent supply
Integrated Self-Protection Circuits Including
and ground pins for each half bridge, which makes it
Undervoltage, Overtemperature, Overload, and
possible to provide current measurement through
Short Circuit
external shunt resistor and support multiple motors
Programmable Cycle-by-Cycle Current Limit
with different power supply voltage requirements.
Protection
Simplified Application Diagram
Independent Supply and Ground Pins for Each
Half Bridge
Intelligent Gate Drive and Cross Conduction
Prevention
No External Snubber or Schottky Diode is
Required
APPLICATIONS
Brushed DC and Stepper Motors
Three Phase Permanent Magnet Synchronous
Motors
Robotic and Haptic Control System
Actuators and Pumps
Precision Instruments
TEC Drivers
DESCRIPTION
The DRV8412/32 are high performance, integrated
dual full bridge motor drivers with an advanced
protection system.
Because of the low RDS(on) of the H-Bridge MOSFETs
and intelligent gate drive design, the efficiency of
these motor drivers can be up to 97%, which enables
the use of smaller power supplies and heatsinks, and
are good candidates for energy efficient applications.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DRV8412DDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8412DDWR TI-DRV8412DDWR Datasheet
1Mb / 28P
[Old version datasheet]   Dual Full Bridge PWM Motor Driver
More results

Similar Description - DRV8412DDWR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com