Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

101110FTAY0M430ZA Datasheet(PDF) 8 Page - SUYIN USA, INC.

Part # 101110FTAY0M430ZA
Description  RJ45 1X1 TAB DOWN W/O LED & TRANSFORMER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUYIN-USA [SUYIN USA, INC.]
Direct Link  http://www.suyinusa.com
Logo SUYIN-USA - SUYIN USA, INC.

101110FTAY0M430ZA Datasheet(HTML) 8 Page - SUYIN USA, INC.

  101110FTAY0M430ZA Datasheet HTML 1Page - SUYIN USA, INC. 101110FTAY0M430ZA Datasheet HTML 2Page - SUYIN USA, INC. 101110FTAY0M430ZA Datasheet HTML 3Page - SUYIN USA, INC. 101110FTAY0M430ZA Datasheet HTML 4Page - SUYIN USA, INC. 101110FTAY0M430ZA Datasheet HTML 5Page - SUYIN USA, INC. 101110FTAY0M430ZA Datasheet HTML 6Page - SUYIN USA, INC. 101110FTAY0M430ZA Datasheet HTML 7Page - SUYIN USA, INC. 101110FTAY0M430ZA Datasheet HTML 8Page - SUYIN USA, INC. 101110FTAY0M430ZA Datasheet HTML 9Page - SUYIN USA, INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Page 8 of 9
SUYIN CORPORATION
SPECIFICATION
DOCUMENT NO.: 101110FTAY0M430ZA
SUYIN P/N.
: 101110FTAY0M430ZA
CUSTOMER P/N. :
DESC. : RJ45 1X1 TAB DOWN W/O LED &
TRANSFORMER
5-2
Transmitter & Receiver Filter:
Insertion Loss
(dB MAX)
Return Loss at 100
Ω
(dB MIN)
1~125MHz
1~30MHz
30~60MHz
60~80MHz
80~100MHz
-1.2
-18
-16
-12
-10
5-3
Common Mode Rejection @ 1~100 MHz:
-30dB MIN
5-4
Cross Talk @ 1~100 MHz:
-25dB MIN
5-5
Inductance @ 100KHz/ 0.1V, 8mA DC BIAS:
350µH MIN
5-6
HiPot Test: 1500Vrms, 60sec
6
OPERATING & TEST REQUIRMENTS
Product is designed to meet electrical, mechanical and environmental performance
requirements specified below.
All tests are performed at ambient environmental conditions
per MIL-STD-1344A and EIA-364 unless otherwise specified
6-1
Operating Temperature Range:
0℃ TO +70℃
6-2
Storage Temperature:
-40
to 85
6-3
Ratings:
1.
Insulation Resistance:
500M Ohm (MIN)
2.
Dielectric Withstanding Voltage:
1000 VAC


Similar Part No. - 101110FTAY0M430ZA

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
101110FTAA0M430ZA SUYIN-USA-101110FTAA0M430ZA Datasheet
206Kb / 9P
   RJ45 1X1 TAB DOWN W/O LED & TRANSFORMER
101110FTAA0M434ZA SUYIN-USA-101110FTAA0M434ZA Datasheet
204Kb / 9P
   RJ45 1X1 TAB DOWN W/O LED & TRANSFORMER
101110FTAC0M430ZA SUYIN-USA-101110FTAC0M430ZA Datasheet
207Kb / 9P
   RJ45 1X1 TAB DOWN W/O LED & TRANSFORMER
101110FTAG0M434ZA SUYIN-USA-101110FTAG0M434ZA Datasheet
202Kb / 9P
   RJ45 1X1 TAB DOWN W/O LED & TRANSFORMER
101110FTAP0M430ZA SUYIN-USA-101110FTAP0M430ZA Datasheet
206Kb / 9P
   RJ45 1X1 TAB DOWN W/O LED & TRANSFORMER
More results

Similar Description - 101110FTAY0M430ZA

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
101110FS0H0M470ZA SUYIN-USA-101110FS0H0M470ZA Datasheet
202Kb / 9P
   RJ45 1X1 TAB DOWN W/O LED & TRANSFORMER
101140FS160M44MZA SUYIN-USA-101140FS160M44MZA Datasheet
243Kb / 9P
   RJ45 1X1 TAB DOWN W/O LED & W/ TRANSFORMER
101110FTAA0M430ZA SUYIN-USA-101110FTAA0M430ZA Datasheet
206Kb / 9P
   RJ45 1X1 TAB DOWN W/O LED & TRANSFORMER
101110FTAA0M434ZA SUYIN-USA-101110FTAA0M434ZA Datasheet
204Kb / 9P
   RJ45 1X1 TAB DOWN W/O LED & TRANSFORMER
101110FS0W0M470ZA SUYIN-USA-101110FS0W0M470ZA Datasheet
203Kb / 9P
   RJ45 1X1 TAB DOWN W/O LED & TRANSFORMER
101110FTAG0M434ZA SUYIN-USA-101110FTAG0M434ZA Datasheet
202Kb / 9P
   RJ45 1X1 TAB DOWN W/O LED & TRANSFORMER
101110FTAP0M430ZA SUYIN-USA-101110FTAP0M430ZA Datasheet
206Kb / 9P
   RJ45 1X1 TAB DOWN W/O LED & TRANSFORMER
101110FS0H0M476ZA SUYIN-USA-101110FS0H0M476ZA Datasheet
202Kb / 9P
   RJ45 1X1 TAB DOWN W/O LED & TRANSFORMER
101110FS0U0M472ZA SUYIN-USA-101110FS0U0M472ZA Datasheet
203Kb / 9P
   RJ45 1X1 TAB DOWN W/O LED & TRANSFORMER
101110FTAC0M430ZA SUYIN-USA-101110FTAC0M430ZA Datasheet
207Kb / 9P
   RJ45 1X1 TAB DOWN W/O LED & TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com