Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EU2JP Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # EU2JP
Description  FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT:1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

EU2JP Datasheet(HTML) 2 Page - Gulf Semiconductor

  EU2JP Datasheet HTML 1Page - Gulf Semiconductor EU2JP Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
RATINGS AND CHARACTERISTIC CURVES EU2JP
1 Rev.A2
www.gulfsemi.com


Similar Part No. - EU2JP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
EU2JG GULFSEMI-EU2JG Datasheet
217Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:100 TO 600V CURRENT: 1.0A
EU2JGF GULFSEMI-EU2JGF Datasheet
107Kb / 2P
   SINTERED GLASS JUNCTION ULTRA FAST SWITCHING RECTIFIER VOLTAGE:100 TO 600V CURRENT: 1.0A
More results

Similar Description - EU2JP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N4933 GULFSEMI-1N4933 Datasheet
149Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
TVR10G GULFSEMI-TVR10G Datasheet
73Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
RU1DGF GULFSEMI-RU1DGF Datasheet
133Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 1.0A
BYT43JGP GULFSEMI-BYT43JGP Datasheet
80Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
ERB43-04 GULFSEMI-ERB43-04 Datasheet
83Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 400V CURRENT:1.0A
FR107S GULFSEMI-FR107S Datasheet
1,018Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT:1.0A
1N4933G GULFSEMI-1N4933G Datasheet
150Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
1N4933GP GULFSEMI-1N4933GP Datasheet
172Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
RG1J GULFSEMI-RG1J Datasheet
82Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
1N4942 GULFSEMI-1N4942 Datasheet
136Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com