Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB6015ASC-1 Datasheet(PDF) 2 Page - Knowles Electronics

Part # MB6015ASC-1
Description  Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20째C, RH=65%)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

MB6015ASC-1 Datasheet(HTML) 2 Page - Knowles Electronics

  MB6015ASC-1 Datasheet HTML 1Page - Knowles Electronics MB6015ASC-1 Datasheet HTML 2Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT SPECIFICATION
Doc: MB6015ASC-1
III.
Reliability Tests
Vibration Test
The microphone to have no interferance in operation after vibrations, 10Hz to 55Hz for
1minute full amplitude 1.52mm, for 2 hours at three axises.
Drop Test
The microphone unit must operate when dropped three times once on each axis from a
height of 1.5m onto a metal plate.
Temperature Test
The microphone unit must operate within its sensitivity specifications after
subjected to the following conditions: +85°C for 240 hrs, and exposed to room
temperature for 2 hrs.
The microphone unit must operate within its sensitivity specifications after
subjected to the following conditions: -40°C for 240 hrs, and exposed to room
temperature for 2 hrs.
High
Low
Humidity Test
+60°C at 95%RH for 240 hrs
Temperature Cycle Test
After exposure at -40°C for 30 minutes, at +20°C for 10 minutes, at +85°C for 30 minutes, at
+20°C for 10 minutes, 5 cycles. (The measurements to be done after 2hrs of conditioning at
+20°C)
After any of the following tests performed, the sensitivity of the microphone unit
shall not deviate more than ±3dB from its initial value. The microphone shall
maintain its initial operation and appearance. Measurements for tests with
thermal requirements are to be done after 2hrs of condistioning at 20°C.
Note:
IV.
Dimensional Drawing
The information contained in this literature is based on our experience to date and is believed to be reliable and it is subject to change without notice. It
is intended as a guide for use by persons having technical skill at their own discretion and risk. We do not guarantee favorable results or assume any
liability in connection with its use. Dimensions contained herein are for reference purposes only. For specific dimensional requirements consult
factory. This publication is not to be taken as a license to operate under, or recommendation to infringe any existing patents. This supersedes and
voids all previous literature.
V.
Other
Better Shielded, RF noise resistant type.
Issued Date:
2005/7/20
Version: B


Similar Part No. - MB6015ASC-1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MB6010 MITEL-MB6010 Datasheet
8Kb / 2P
   Product Summary Prototyping Kits
logo
Mechatronics, Inc.
MB6010 MECHATRONICS-MB6010 Datasheet
454Kb / 1P
   UL94V-0 PBT impeller & frame
logo
Murata Manufacturing Co...
MB60101BAN MURATA-MB60101BAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB60101BBN MURATA-MB60101BBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB60101CAN MURATA-MB60101CAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB6015ASC-1

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
MB6022USC-3 KNOWLES-MB6022USC-3 Datasheet
186Kb / 2P
   Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20째C, RH=65%)
MB6052USZ-2 KNOWLES-MB6052USZ-2 Datasheet
141Kb / 2P
   Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20째C, RH=65%)
MD9745APZ-F KNOWLES-MD9745APZ-F Datasheet
272Kb / 2P
   Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20째C, RH=65%)
MB4015NSC-3 KNOWLES-MB4015NSC-3 Datasheet
187Kb / 2P
   Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20째C, RH=65%)
MB6022APC-0 KNOWLES-MB6022APC-0 Datasheet
187Kb / 2P
   Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20째C, RH=65%)
MB3015ASC-2 KNOWLES-MB3015ASC-2 Datasheet
164Kb / 2P
   Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20째C, RH=65%)
MB3015USB-4 KNOWLES-MB3015USB-4 Datasheet
165Kb / 2P
   Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20째C, RH=65%)
MB6027ASC-1L KNOWLES-MB6027ASC-1L Datasheet
215Kb / 2P
   Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20째C, RH=65%)
MB4015ASC-1 KNOWLES-MB4015ASC-1 Datasheet
178Kb / 2P
   Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20째C, RH=65%)
MB6022NSC-2 KNOWLES-MB6022NSC-2 Datasheet
213Kb / 2P
   Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20째C, RH=65%)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com