Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES1A Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # ES1A
Description  SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

ES1A Datasheet(HTML) 1 Page - Gulf Semiconductor

  ES1A Datasheet HTML 1Page - Gulf Semiconductor ES1A Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES1A THRU ES1J
SURFACE MOUNT FAST
ULTRAFAST RECTIFIER
VOLTAGE:
:50 TO 600V
CURRENT:
: 1.0A
FEATURE
SMA/
/DO-214AC
Ideal for surface mount pick and place application
Low profile package
Built-in strain relief
High surge capability
High temperature soldering guaranteed
260℃/10sec/at terminals
Glass passivated chip
Ultrafast recovery time for high efficiency
MECHANICAL DATA
Terminal:Solder plated, solderable per MIL-STD-750,
Method 2026
Case:
JEDEC DO-214AC molded plastic body over
passivated chip
Polarity: Color band denotes cathode
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
ES1A
ES1B
ES1C
ES1D
ES1G
ES1J
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
150
200
400
600
V
Maximum RMS Voltage
Vrms
35
70
105
140
280
420
V
Maximum DC blocking Voltage
Vdc
50
100
150
200
400
600
V
Maximum Average Forward Rectified
Current 3/8″lead length at TL =110℃
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
half sine- wave superimposed on rated load
Ifsm
30.0
A
Maximum Forward Voltage at rated forward
current
Vf
0.92
1.25
1.5
V
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =125℃
Ir
10.0
100.0
μA
μA
Maximum Reverse Recovery Time
(Note1 )
Trr
15
25
35
nS
Typical Junction Capacitance
(Note 2)
Cj
18.0
pF
Typical Thermal Resistance
(Note 3)
R(jl)
30.0
℃/W
Storage and Operating Junction Temperature
Tstg, Tj
-50 to +150
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to terminal mounted on 5×5mm copper pad area
1
Rev.A1
www.gulfsemi.com


Similar Part No. - ES1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1A PANJIT-ES1A Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Sangdest Microelectroni...
ES1A SMC-ES1A Datasheet
185Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
ES1A SEMTECH_ELEC-ES1A Datasheet
320Kb / 2P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
HY ELECTRONIC CORP.
ES1A HY-ES1A Datasheet
441Kb / 3P
   Surface Mount Super Fast Glass Passivated Rectifiters
logo
Dc Components
ES1A DCCOM-ES1A Datasheet
391Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - ES1A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
US1J GULFSEMI-US1J Datasheet
246Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?600V CURRENT竊?1.0A
ES3A GULFSEMI-ES3A Datasheet
175Kb / 2P
   SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?.0A
ES2A GULFSEMI-ES2A Datasheet
162Kb / 2P
   SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?.0A
ES1D-E GULFSEMI-ES1D-E Datasheet
109Kb / 2P
   SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
GU3A GULFSEMI-GU3A Datasheet
213Kb / 2P
   SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
ES2A-A GULFSEMI-ES2A-A Datasheet
164Kb / 2P
   SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 400V CURRENT竊?.0A
GU1A GULFSEMI-GU1A Datasheet
233Kb / 3P
   SURFACE MOUNT SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
FS4 GULFSEMI-FS4 Datasheet
244Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00 V CURRENT竊?1.0A
MURS340-B GULFSEMI-MURS340-B Datasheet
103Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V TO 600V CURRENT竊?3.0A
FK1K GULFSEMI-FK1K Datasheet
241Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com