Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N25Q128A21TF8H0G Datasheet(PDF) 1 Page - Numonyx B.V

Part # N25Q128A21TF8H0G
Description  128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

N25Q128A21TF8H0G Datasheet(HTML) 1 Page - Numonyx B.V

  N25Q128A21TF8H0G Datasheet HTML 1Page - Numonyx B.V N25Q128A21TF8H0G Datasheet HTML 2Page - Numonyx B.V N25Q128A21TF8H0G Datasheet HTML 3Page - Numonyx B.V N25Q128A21TF8H0G Datasheet HTML 4Page - Numonyx B.V N25Q128A21TF8H0G Datasheet HTML 5Page - Numonyx B.V N25Q128A21TF8H0G Datasheet HTML 6Page - Numonyx B.V N25Q128A21TF8H0G Datasheet HTML 7Page - Numonyx B.V N25Q128A21TF8H0G Datasheet HTML 8Page - Numonyx B.V N25Q128A21TF8H0G Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 185 page
background image
February 2010
Rev 1.0
1/185
1
N25Q128
128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,
XiP enabled, serial flash memory with 108 MHz SPI bus interface
Features
SPI-compatible serial bus interface
108 MHz (maximum) clock frequency
1.7 V to 2 V single supply voltage
Supports legacy SPI protocol and new Quad
I/O or Dual I/O SPI protocol
Quad/Dual I/O instructions resulting in an
equivalent clock frequency up to 432 MHz:
XIP mode for all three protocols
– Configurable via volatile or non-volatile
registers (enabling the memory to work in
XiP mode directly after power on)
Program/Erase suspend instructions
Continuous read of entire memory via single
instruction:
–Fast Read
– Quad or Dual Output Fast Read
– Quad or Dual I/O Fast Read
Flexible to fit application:
– Configurable number of dummy cycles
– Output buffer configurable
– Fast POR instruction: to speed up power
on phase
– Reset function available upon customer
request
64-byte user-lockable, one-time programmable
(OTP) area
Erase capability
– Subsector (4-Kbyte) granularity in the 8
boot sectors (bottom or top parts).
– Sector (64-Kbyte) granularity
Write protections
– Software write protection applicable to
every 64-Kbyte sector (volatile lock bit)
– Hardware write protection: protected area
size defined by five non-volatile bits (BP0,
BP1, BP2, BP3 and TB bit)
– Additional smart protections available upon
customer request
Deep Power-down mode: 5 µA (typical)
Electronic signature
– JEDEC standard two-byte signature
(BB18h)
– Additional 2 Extended Device ID (EDID)
bytes to identify device factory options
– Unique ID code (UID) with 14 bytes read-
only, available upon customer request
100,000 + program/erase cycles per sector
More than 20 years data retention
Packages
– RoHS compliant
VDFPN8 (F8)
8 × 6 mm (MLP8)
SO16 (SF)
300 mils width
TBGA24 (12)
6 x 8 mm
www.numonyx.com


Similar Part No. - N25Q128A21TF8H0G

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
N25Q128A23B1240E NUMONYX-N25Q128A23B1240E Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128A23B1240F NUMONYX-N25Q128A23B1240F Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128A23B1240G NUMONYX-N25Q128A23B1240G Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128A23B12A0E NUMONYX-N25Q128A23B12A0E Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128A23B12A0F NUMONYX-N25Q128A23B12A0F Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
More results

Similar Description - N25Q128A21TF8H0G

ManufacturerPart #DatasheetDescription
logo
Micron Technology
N25Q128A11B1241F MICRON-N25Q128A11B1241F Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Numonyx B.V
N25Q128 NUMONYX-N25Q128_1 Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Micron Technology
N25Q032A13E1241F MICRON-N25Q032A13E1241F Datasheet
5Mb / 153P
   32-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase, XiP enabled, serial flash memory with 108 MHz SPI bus interface
M25PX16SOVZM6TP MICRON-M25PX16SOVZM6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX64-VMF6TP NUMONYX-M25PX64-VMF6TP Datasheet
1Mb / 70P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25PX32 STMICROELECTRONICS-M25PX32 Datasheet
550Kb / 63P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX16-VMN6TP NUMONYX-M25PX16-VMN6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M25PX32 NUMONYX-M25PX32 Datasheet
1Mb / 65P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M25PX64 NUMONYX-M25PX64 Datasheet
1Mb / 66P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
NP5Q128A13ESFC0E NUMONYX-NP5Q128A13ESFC0E Datasheet
1Mb / 56P
   128-Mbit, Quad/Dual/Single Serial Interface, 128-Kbyte Sectors Phase Change Memory (PCM) with 66MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com