Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8331IBRGER Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8331IBRGER
Description  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8331IBRGER Datasheet(HTML) 2 Page - Texas Instruments

  ADS8331IBRGER Datasheet HTML 1Page - Texas Instruments ADS8331IBRGER Datasheet HTML 2Page - Texas Instruments ADS8331IBRGER Datasheet HTML 3Page - Texas Instruments ADS8331IBRGER Datasheet HTML 4Page - Texas Instruments ADS8331IBRGER Datasheet HTML 5Page - Texas Instruments ADS8331IBRGER Datasheet HTML 6Page - Texas Instruments ADS8331IBRGER Datasheet HTML 7Page - Texas Instruments ADS8331IBRGER Datasheet HTML 8Page - Texas Instruments ADS8331IBRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
ADS8331
ADS8332
SBAS363 – DECEMBER 2009
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
INTEGRAL
DIFFERENTIAL
SPECIFIED
LINEARITY
LINEARITY
PACKAGE
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
PACKAGE-LEAD
DESIGNATOR
RANGE
INFORMATION
MEDIA, QUANTITY
ADS8331IPWT
Tube, 90
TSSOP-24
(2)
PW
–40°C to +85°C
ADS8331IPWR
Tape and reel, 2000
ADS8331I
±3
–1/+2
ADS8331IRGET
Small tape and reel, 250
4X4 QFN-24
RGE
–40°C to +85°C
ADS8331IRGER
Tape and reel, 3000
ADS8331IBPWT
Tube 90
TSSOP-24
(2)
PW
–40°C to +85°C
ADS8331IBPWR
Tape and reel, 2000
ADS8331IB
±2
–1/+1.5
ADS8331IBRGET
Small tape and reel, 250
4X4 QFN-24
RGE
–40°C to +85°C
ADS8331IBRGER
Tape and reel, 3000
ADS8332IPWT
Tube, 90
TSSOP-24
(2)
PW
–40°C to +85°C
ADS8332IPWR
Tape and reel, 2000
ADS8332I
±3
–1/+2
ADS8332IRGET
Small tape and reel, 250
4X4 QFN-24
RGE
–40°C to +85°C
ADS8332IRGER
Tape and reel, 3000
ADS8332IBPWT
Tube, 90
TSSOP-24
(2)
PW
–40°C to +85°C
ADS8332IBPWR
Tape and reel, 2000
ADS8332IB
±2
–1/+1.5
ADS8332IBRGET
Small tape and reel, 250
4X4 QFN-24
RGE
–40°C to +85°C
ADS8332IBRGER
Tape and reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
TSSOP (PW) package available Q1, 2010.
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range, unless otherwise noted.
(1)
ADS8331, ADS8332
UNIT
INX, MUXOUT, ADCIN, REF+ to AGND
–0.3 to VA + 0.3
V
Voltage
COM, REF– to AGND
–0.3 to 0.3
V
VA to AGND
–0.3 to 7
V
Voltage range
VBD to BDGND
–0.3 to 7
V
AGND to BDGND
–0.3 to 0.3
V
Digital input voltage to BDGND
–0.3 to VBD + 0.3
V
Digital output voltage to BDGND
–0.3 to VBD + 0.3
V
Operating free-air temperature range, (TA)
–40 to +85
°C
Storage temperature range, (TSTG)
–65 to +150
°C
Junction temperature (TJ Max)
+150
°C
Power dissipation
(TJMax – TA)/θJA
W
4x4 QFN-24
Package
θJA thermal impedance
47
°C/W
Power dissipation
(TJMax – TA)/θJA
W
TSSOP-24
Package
θJA thermal impedance
47
°C/W
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8331 ADS8332


Similar Part No. - ADS8331IBRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8331IBRGER TI-ADS8331IBRGER Datasheet
912Kb / 39P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331IBRGER TI-ADS8331IBRGER Datasheet
916Kb / 40P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331IBRGER TI1-ADS8331IBRGER Datasheet
978Kb / 45P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
ADS8331IBRGER TI1-ADS8331IBRGER Datasheet
1Mb / 57P
[Old version datasheet]   Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
More results

Similar Description - ADS8331IBRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8331 TI1-ADS8331_14 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI1-ADS8331_10 Datasheet
978Kb / 45P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
ADS8331_1003 TI-ADS8331_1003 Datasheet
916Kb / 40P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI-ADS8331 Datasheet
912Kb / 39P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI1-ADS8331_15 Datasheet
1Mb / 57P
[Old version datasheet]   Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com