Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5484IRGCRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS5484IRGCRG4
Description  16-Bit, 170/200-MSPS Analog-to-Digital Converters
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5484IRGCRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS5484IRGCRG4 Datasheet HTML 5Page - Texas Instruments ADS5484IRGCRG4 Datasheet HTML 6Page - Texas Instruments ADS5484IRGCRG4 Datasheet HTML 7Page - Texas Instruments ADS5484IRGCRG4 Datasheet HTML 8Page - Texas Instruments ADS5484IRGCRG4 Datasheet HTML 9Page - Texas Instruments ADS5484IRGCRG4 Datasheet HTML 10Page - Texas Instruments ADS5484IRGCRG4 Datasheet HTML 11Page - Texas Instruments ADS5484IRGCRG4 Datasheet HTML 12Page - Texas Instruments ADS5484IRGCRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
ADS5484
ADS5485
www.ti.com ............................................................................................................................................... SLAS610C – AUGUST 2008 – REVISED OCTOBER 2009
Table 2. PIN FUNCTIONS
PIN
DESCRIPTION
NAME
NO.
1, 2, 8, 14, 18,
AVDD5
5-V analog supply
24, 27, 30
9, 15, 19, 25,
AVDD3
3.3-V analog supply
28, 31
3, 7, 10, 13, 17,
AGND
20, 23, 26, 29,
Analog ground
32
DVDD3
42, 52, 63
3.3-V digital supply
DGND
41, 51, 64
Digital ground
NC
5, 6, 37-40
No connect - leave floating
INP, INM
11, 12
Differential analog inputs (P = plus = true, M = minus = complement)
CLKM, CLKP
21, 22
Differential clock inputs (P = plus = true, M = minus = complement)
Reference voltage input/output (1.2 V nominal). To use an external reference and to turn the internal
REF
4
reference off, pull both PDWNF and PDWNS to logic high (DVDD3). A 0.1-
μF capacitor to ground on
REF is recommended but not required.
Analog input common mode, output (3.1V), for use in applications that require use of the internally
VCM
16
generated common-mode. See the Applications section for more information on using VCM. A 0.1-
μF
capacitor to ground on VCM is recommended but not required.
External bias resistor for LVDS bias current, normally 10 k
Ω to GND to provide nominal 3.5-mA LVDS
LVDSB
33
current.
Light sleep power down, fast wake-up, logic high (DVDD3) = light sleep enabled (bandgap reference
PDWNF
34
remains on)
Deep sleep power down, slow wake-up, logic high (DVDD3) = deep sleep enabled (bandgap reference
PDWNS
35
is off)
DITHER
36
Dither enable, logic high (DVDD3) = dither enabled
DRY_P,
54, 53
Data ready signal (LVDS clock out) (P = plus = true, M = minus = complement)
DRY_M
D14_15_P,
62, 61
DDR LVDS output bits 14 then 15 (15 is MSB) (P = plus = true, M = minus = complement)
D14_15_M
DE_O_P,
43-50, 55-62
DDR LVDS output bits E (even) then O (odd) (P = plus = true, M = minus = complement)
DE_O_M
D0_1_P,
44, 43
DDR LVDS output bits 0 then 1 (0 is LSB) (P = plus = true, M = minus = complement)
D0_1_M
PowerPAD
65
Analog ground (exposed pad on bottom of package)
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS5484 ADS5485


Similar Part No. - ADS5484IRGCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5484IRGCRG4 TI-ADS5484IRGCRG4 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
ADS5484IRGCRG4 TI-ADS5484IRGCRG4 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
More results

Similar Description - ADS5484IRGCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5484 TI-ADS5484_1 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
ADS5484 TI-ADS5484 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS5481_0811 TI-ADS5481_0811 Datasheet
2Mb / 42P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5481 TI-ADS5481 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5481 TI-ADS5481_08 Datasheet
1Mb / 35P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9250 AD-AD9250 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com