Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3315C-002-006 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3315C-002-006
Description  3315 - 9 mm Square Sealed Incremental Encoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3315C-002-006 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3315C-002-006 Datasheet HTML 1Page - Bourns Electronic Solutions 3315C-002-006 Datasheet HTML 2Page - Bourns Electronic Solutions 3315C-002-006 Datasheet HTML 3Page - Bourns Electronic Solutions 3315C-002-006 Datasheet HTML 4Page - Bourns Electronic Solutions 3315C-002-006 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Miniature package for design flexibility
Long operating life
Conductive plastic element
Bushing or PC board mount
Quadrature output
RoHS compliant versions available*
3315 - 9 mm Square Sealed Incremental Encoder
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Output .......................................................................................... 2-bit gray code, Channel A leads Channel B electrically turning clockwise (CW)
Closed Circuit Resistance.............................................................................................................................................................. 5 ohms maximum
Contact Rating ......................................................................................................................................................................... TTL compatible loads
Insulation Resistance (500 VDC)....................................................................................................................................... 1,000 megohms minimum
Dielectric Withstanding Voltage
Sea Level.................................................................................................................................................................................. 900 VAC minimum
Electrical Travel .........................................................................................................................................................................................Continuous
Contact Bounce .................................................................................................................................................................. 5 milliseconds maximum
RPM (Operating)................................................................................................................................................................................... 120 maximum
Environmental Characteristics
Operating Temperature Range.........................................................................................................................-40 °C to +125 °C (-40 °F to +257 °F)
Storage Temperature Range ............................................................................................................................-55 ºC to +125 ºC (-67 °F to +257 °F)
Humidity ................................................................................................................................................... MIL-STD-202, Method 103B, Condition B
Vibration ...............................................................................................................................................................................................................30 G
Contact Bounce ............................................................................................................................................................ 5.0 millisecond maximum
Shock .................................................................................................................................................................................................................100 G
Contact Bounce ............................................................................................................................................................ 5.0 millisecond maximum
Rotational Life ......................................................................................................................................................................100,000 cycles @ 6 PPR
25,000 cycles @ 16 PPR
IP Rating.............................................................................................................................................................................................................. IP 67
Mechanical Characteristics
Mechanical Angle............................................................................................................................................................................ 360 ° Continuous
Running Torque ........................................................................................................................................................ 3.53 N-cm (5 oz.-in.) maximum
Mounting Torque
Plastic Bushing................................................................................................................................................. 45.19 N-cm (4.0 lb.-in.) maximum
Metal Bushing ....................................................................................................................................................... 79 N-cm (7.0 lb.-in.) maximum
Weight .............................................................................................................................................................................................. 4.5 gm (0.15 oz.)
Terminals ............................................................................................................................................................................................ Solderable pins
Soldering Condition
Manual Soldering .................................... 96.5Sn/3.0Ag/0.5Cu solid wire or no-clean rosin cored wire; 370 °C (700 °F) max. for 3 seconds
Wave Soldering ............................................................. 96.5Sn/3.0Ag/0.5Cu solder with no-clean flux; 260 °C (500 °F) max. for 5 seconds
Wash Processes........................................... For recommended wash processes, please refer to http://www.bourns.com/pdfs/sldclen.pdf
Marking ...............................................................................................................................Manufacturer’s trademark, part number, and date code
Hardware.................................. One lockwasher and one mounting nut are shipped with each encoder, except where noted in the part number.
Suggested Incremental Control Diagram
Quadrature Output Table
5 ms DELAY
DEBOUNCE
(MC 14490)
.0015 f
9
7
MAGNITUDE
(CUSTOMER LOGIC CIRCUITRY)
DECODE
LOGIC
UP/DOWN
COUNTER
DIRECTION
BINARY
OUTPUT
Clockwise
Channel A
Channel B
Channel C


Similar Part No. - 3315C-002-006

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3315C-002-006 BOURNS-3315C-002-006 Datasheet
268Kb / 5P
   9 mm Square Sealed Incremental Encoder
3315C-002-006L BOURNS-3315C-002-006L Datasheet
268Kb / 5P
   9 mm Square Sealed Incremental Encoder
3315C-002-006L BOURNS-3315C-002-006L Datasheet
347Kb / 5P
   3315 - 9 mm Square Sealed Incremental Encoder
More results

Similar Description - 3315C-002-006

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3315Y-001-006L BOURNS-3315Y-001-006L_12 Datasheet
347Kb / 5P
   3315 - 9 mm Square Sealed Incremental Encoder
3315 BOURNS-3315 Datasheet
268Kb / 5P
   9 mm Square Sealed Incremental Encoder
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
   9 mm Incremental Encoder
PEC09 BOURNS-PEC09 Datasheet
331Kb / 3P
   PEC09 Series - 9 mm Incremental Encoder
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
   12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
   12 mm Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
   12 mm Incremental Encoder
PEC12 BOURNS-PEC12 Datasheet
263Kb / 3P
   12 mm Incremental Encoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com