Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK-3029 Datasheet(PDF) 3 Page - Knowles Electronics

Part # EK-3029
Description  Electret condenser microphone - Supply Voltage range: 0.9 to 10V DC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

EK-3029 Datasheet(HTML) 3 Page - Knowles Electronics

  EK-3029 Datasheet HTML 1Page - Knowles Electronics EK-3029 Datasheet HTML 2Page - Knowles Electronics EK-3029 Datasheet HTML 3Page - Knowles Electronics EK-3029 Datasheet HTML 4Page - Knowles Electronics EK-3029 Datasheet HTML 5Page - Knowles Electronics EK-3029 Datasheet HTML 6Page - Knowles Electronics EK-3029 Datasheet HTML 7Page - Knowles Electronics EK-3029 Datasheet HTML 8Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
®
Model Variations
3
EK Series
Model
Port
Response
EK-3103
0KPL
Broadband
EK-3028
12S
6dB/octave Ski Slope
EK-3024
12S
Standard
EK-3027
0KP
Standard
EK-3115
12S
Step
EK-3091
0KP
12dB/octave Ski Slope
EK-3031
12S
Step
EK-3092
0KP
6dB/octave Ski Slope
EK-3133
12SL
Broadband
EK-3032
3S
Standard
EK-3142
0KP
Damped Peak
EK-3029
12S
12dB/octave Ski Slope
EK-3132
Ka
Broadband
EK-5024
12S
Standard (Screenless)
EK-5033
12S
Damped Peak (Screenless)
EK-7136
12S
Undamped Peak
EK-9874
12S
12dB/octave Ski Slope
EK-3033
12S
Damped Peak
EK-7164
3S
Damped Peak
EK-7276
12S
Damped Peak
Microphones are also available with RFI suppression filters.
Other model variations available upon request. Contact
Knowles Electronics for details.


Similar Part No. - EK-3029

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
EK-30436-P03 KNOWLES-EK-30436-P03 Datasheet
140Kb / 2P
   MICROPHONE
More results

Similar Description - EK-3029

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
   electret condenser microphone
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
   electret condenser microphone
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
   electret condenser microphone
CMR-2747PB-A CUI-CMR-2747PB-A Datasheet
1Mb / 4P
   electret condenser microphone
logo
Soberton Inc.
EM-6022P SOBERTON-EM-6022P Datasheet
428Kb / 5P
   Electret Condenser Microphone
EM-9745 SOBERTON-EM-9745 Datasheet
437Kb / 5P
   Electret Condenser Microphone
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com