Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK-3028 Datasheet(PDF) 1 Page - Knowles Electronics

Part # EK-3028
Description  Electret condenser microphone - Supply Voltage range: 0.9 to 10V DC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

EK-3028 Datasheet(HTML) 1 Page - Knowles Electronics

  EK-3028 Datasheet HTML 1Page - Knowles Electronics EK-3028 Datasheet HTML 2Page - Knowles Electronics EK-3028 Datasheet HTML 3Page - Knowles Electronics EK-3028 Datasheet HTML 4Page - Knowles Electronics EK-3028 Datasheet HTML 5Page - Knowles Electronics EK-3028 Datasheet HTML 6Page - Knowles Electronics EK-3028 Datasheet HTML 7Page - Knowles Electronics EK-3028 Datasheet HTML 8Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EK
EKSERIES
SERIES
®
High electroacoustic sensitivity
High resistance to mechanical shock
Low vibration sensitivity
Various responses available
Available with RFI suppression
Standard Response
Electret condenser microphone
Lowest noise Knowles microphone
Rugged construction to withstand
severe environmental conditions
®
data sheet
Features
Actual Size
EK-3024/5024
EK-3027
EK-3032
-40
-45
-50
-55
-60
-65
-70
-75
-80
Open circuit sensitivity with 1.3VDC supply
2
3
4
5
6
7
8
9
2
3
4
5
6
7
8
9
100
1000
10000
FREQUENCY IN HERTZ


Similar Part No. - EK-3028

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
EK-30436-P03 KNOWLES-EK-30436-P03 Datasheet
140Kb / 2P
   MICROPHONE
More results

Similar Description - EK-3028

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
   electret condenser microphone
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
   electret condenser microphone
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
   electret condenser microphone
CMR-2747PB-A CUI-CMR-2747PB-A Datasheet
1Mb / 4P
   electret condenser microphone
logo
Soberton Inc.
EM-6022P SOBERTON-EM-6022P Datasheet
428Kb / 5P
   Electret Condenser Microphone
EM-9745 SOBERTON-EM-9745 Datasheet
437Kb / 5P
   Electret Condenser Microphone
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com