Electronic Components Datasheet Search |
|
3315C-025-006L Datasheet(PDF) 3 Page - Bourns Electronic Solutions |
|
3315C-025-006L Datasheet(HTML) 3 Page - Bourns Electronic Solutions |
3 / 5 page A A A A C C C C B B B B A C B COMMON DIMENSIONS 3315-001 Plastic Bushing Slotted Shaft COMMON DIMENSIONS 3315C-101 Plastic Flatted Shaft 3315C-001 3315Y-001 3315P-001 3315R-001 9.53 ± .25 (.375 ± .010) 9.53 ± .25 (.375 ± .010) 9.53 ± .25 (.375 ± .010) 9.53 ± .25 (.375 ± .010) 9.53 ± .25 (.375 ± .010) .391 ± .38 (.154 ± .015) 9.53 ± .25 (.375 ± .010) 5.97 ± .89 (.235 ± .035) 2.54 ± .25 (.100 ± .010) 2.54 ± .25 (.100 ± .010) 2.54 ± .25 (.100 ± .010) 2.54 ± .38 (.100 ± .015) MOUNTING SURFACE 4.83 (.190) 2.39 (.094) 5.08 ± .25 (.200 ± .010) 5.97 ± .89 (.235 ± .035) 2.54 ± .25 (.100 ± .010) 2.54 ± .25 (.100 ± .010) 2.54 ± .25 (.100 ± .010) 2.54 ± .25 (.100 ± .010) 2.54 ± .25 (.100 ± .010) 2.54 ± .25 (.100 ± .010) 5.97 ± .89 (.235 ± .035) 5.97 ± .89 (.235 ± .035) 2.54 ± .25 (.100 ± .010) .51 ± .05 (.020 ± .002) SOLDER PLATED COPPER PINS DIA. 3.18 ± .05 (.125 ± .002) DIA. .64 ± .10 (.025 ± .004) WIDE .76 ± .25 (.030 ± .010) DEEP X .51 (.020) 4 PLACES DIA. MOUNTING SURFACE 4.78 (.188) 7.62 (.300) .38 (.015) MIN. STANDOFF .76 ± .05 X .76 (.030 ± .002 X .030) ANTI-ROTATION BOSS HIGH R 6.35 ± .08 (.250 ± .003) MOUNTING DIA. 4.83 ± .25 (.190 ± .010) 4.83 ± .38 (.190 ± .015) 6.35 ± .08 (.250 ± .003) MOUNTING DIA. 12.70 ± .64 (.500 ± .025) FROM MOUNTING SURFACE 5.18 ± .38 (.204 ± .015) 12.70 ± .64 (.500 ± .025) ADJUSTMENT SLOT 4.75 (.187) MIN. FULL THREAD 6.35 (.250) .38 (.015) MIN. STANDOFF 1/4-32 UNEF-2A THREADED PLASTIC BUSHING MOUNTING SURFACE MOUNTING HOLE PATTERN 1.70 ± 0.03 (.067 ± .001) DIA. 6.53 ± 0.03 (.257 ± .001) DIA. 4.78 (.188) DIMENSIONS: MM (INCHES) 3315 - 9 mm Square Sealed Incremental Encoder Product Dimensions Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. |
Similar Part No. - 3315C-025-006L |
|
Similar Description - 3315C-025-006L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |