Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4942 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # 1N4942
Description  FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

1N4942 Datasheet(HTML) 1 Page - Gulf Semiconductor

  1N4942 Datasheet HTML 1Page - Gulf Semiconductor 1N4942 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4942 THRU 1N4948
FAST SWITCHING
PLASTIC RECTIFIER
VOLTAGE:50 TO 1000V
CURRENT: 1.0A
FEATURE
DO-41\DO-204AL
Molded case feature for auto insertion
High current capability
Low leakage current
High surge capability
High temperature soldering guaranteed
250
°C/10sec/0.375”lead length at 5 lbs tension
Fast switching for high efficiency
MECHANICAL DATA
Terminal:Plated axial leads solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Mounting position:any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
1N
4942
1N
4944
1N
4946
1N
4947
1N
4948
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =75
°C
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
Half sine-wave superimposed on rated load
Ifsm
25.0
A
Maximum Forward Voltage at rated Forward
Current and 25
°C
Vf
1.3
V
*
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ir
5.0
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
150
250
500
nS
Typical Junction Capacitance
(Note 2)
Cj
15.0
pF
Typical Thermal Resistance
(Note 3)
R(ja)
50.0
°C/W
Storage and Operating Junction Temperature
Tstg,Tj
-50 to +150
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 0.375”lead length, P.C. Board Mounted
1
1 Rev.A4
www.gulfsemi.com


Similar Part No. - 1N4942

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4942 PANJIT-1N4942 Datasheet
55Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 200 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Microdiode Electronics ...
1N4942 CHENDA-1N4942 Datasheet
590Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Semtech Corporation
1N4942 SEMTECH-1N4942 Datasheet
91Kb / 2P
   Axial Leaded Hermetically Sealed Fast Recovery Rectifier Diodes
logo
New Jersey Semi-Conduct...
1N4942 NJSEMI-1N4942 Datasheet
110Kb / 1P
   DO-41
logo
Transys Electronics
1N4942 TRSYS-1N4942 Datasheet
162Kb / 3P
   FAST SWITCHING PLASTIC RECTIFIER
More results

Similar Description - 1N4942

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FR101 GULFSEMI-FR101 Datasheet
1,019Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
FR107S GULFSEMI-FR107S Datasheet
1,018Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT:1.0A
SF4001GP GULFSEMI-SF4001GP Datasheet
183Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
RGP10A GULFSEMI-RGP10A Datasheet
75Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
FR301 GULFSEMI-FR301 Datasheet
1Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:3.0A
FR151 GULFSEMI-FR151 Datasheet
466Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
FR201 GULFSEMI-FR201 Datasheet
568Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
logo
Rugao Dachang Electroni...
FR101 DACHANG-FR101 Datasheet
124Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Gulf Semiconductor
1N4933 GULFSEMI-1N4933 Datasheet
149Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
logo
Rugao Dachang Electroni...
MPG06A DACHANG-MPG06A Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com