Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6785MTRPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF6785MTRPBF
Description  Benchmark MOSFETs Product Selection Guide
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6785MTRPBF Datasheet(HTML) 6 Page - International Rectifier

  IRF6785MTRPBF Datasheet HTML 1Page - International Rectifier IRF6785MTRPBF Datasheet HTML 2Page - International Rectifier IRF6785MTRPBF Datasheet HTML 3Page - International Rectifier IRF6785MTRPBF Datasheet HTML 4Page - International Rectifier IRF6785MTRPBF Datasheet HTML 5Page - International Rectifier IRF6785MTRPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Product Line Overview
Integrated design platforms that
enable customers to add energy-
conserving features that achieve
lower operating energy costs and
manufacturing Bill of Material
(BOM) costs.
• Appliances
• Audio
• Display
• Industrial
• Lighting
• SMPS
Product Line
Energy Saving Products
Optimized power management sys-
tem solutions that deliver bench-
mark power density, efficiency and
performance in enterprise power.
Enterprise Power
Automotive grade power manage-
ment solutions qualified to meet the
needs of 12V, 24V and HE/EV applica-
tions with a zero defect goal.
Automotive
IR continues to lead the industry by
offering power MOSFETs with the
lowest R
DS(on) and widest range of
packages up to 250V for a diverse
range of applications.
Benchmark MOSFETs
Our discrete components, complex
hybrid power module assemblies
and rugged DC-DC converters uti-
lize leading-edge power technology
which, together with demanding
environmental specifications help
engineers to meet their toughest
design challenges.
HiRel
• Servers
• Storage Networks
• Switchers & Routers
• Workstations
• Notebooks
• Game Stations
• Set-Top Box
• Audio
• Computing
• Communications
• Motor Control
• Power Supply
• Synchronous Rectification
• Space
• Military
• Commercial Aviation
• Rugged Industrial
• Medical
• DirectFET®
• Low-Voltage ICs
• SupIRBuck
• XPhase®
• Power Monitor IC
• iPOWIR ®
Automotive Qualified:
• HEXFET® Power MOSFETs
• Intelligent Power Switches
• Driver ICs
(Low-, Mid- and High-Voltage)
• IGBTs for Motor Drives,
Various Loads
• Discrete HEXFET® MOSFETs
• Dual HEXFET® MOSFETs
• FETKY®
• RAD-Hard MOSFETs
• Power Modules/Hybrid Solutions
• Motor Control Solutions
• DC-DC Converters
• Digital Control ICs
• High-Voltage ICs
• IGBTs
• IRAM Integrated Power Modules
• Intelligent Power Switches
• MERs
Key Products
• AC and DC Motor Drives
• Powertrain / Engine control
• Body Electronics
• Lighting
• Class D Audio
• Heavy Loads and Actuators
Applications
Benchmark MOSFETs
Product Selection Guide
10435A
Benchmark MOSFETs | Selection Guide
Broad Portfolio of MOSFETS Targeting Multiple Market Segments
For a full list of the automotive MOSFETs please visit www.irf.com
Key Differentiators
• Industry brand leader in MOSFETs
• Leading performance MOSFETs
• Industry reputation for quality
• Broad product portfolio
• Widest range of packages up to 250V
• Discrete HEXFET® MOSFETs
• Dual HEXFET® MOSFETs
• FETKY®
FEATURES
• Industry brand leader in
MOSFET
• Benchmark thermal
performance
• Lowest R
DS(ON)
International Rectifier will release an expansive
portfolio of PQFN benchmark MOSFETs in early CY10.
Double-sided cooling for superior
thermal performance
Industrial
Power Supply
Consumer/ Data
Processing
Key Products
Power QFN
DirectFET®
THE IR ADVANTAGE
• Increases current density
• Cuts MOSFET part count by 60%
• Reduces PCB space by 50%
• Up to 50°C lower operating temperature
increases reliability
• Lower total system cost
• Ultra low package resistance and
inductance
• Industry lowest On-Resistance
• Compatible with existing surface mount
techniques
International Rectifier’s DirectFET® power package is a breakthrough
surface-mount power MOSFET packaging technology designed for
efficient topside cooling in combination with improved bottom-side
cooling, the new package can be cooled on both sides to cut part
count by up to 60%, and board space by as much as 50% compared to
devices in standard or enhanced SO-8 packages.
PQFN 5x6
D2Pak
30% larger
die than D2Pak
and a 60%
reduction in
board space
40% smaller
footprint
than SO-8
Same die
size as
D-Pak, 54%
reduction in
board space
D-Pak
Medium Can
DirectFET®
Large Can
DirectFET®
THE POWER MANAGEMENT LEADER
www.irf.com
For a complete list of IR MOSFETs go to www.irf.com/product-info/hexfet
For additional information on International Rectifier’s MOSFETs and other products call +1.800.981.8699 or +49.6102.884.311 or visit us at www.irf.com
Competitive R
DS(ON) comparison made Q4 09
Small Can
DirectFET®
SO-8


Similar Part No. - IRF6785MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
   DIGITAL AUDIO MOSFET
More results

Similar Description - IRF6785MTRPBF

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Bourns Electronic Solut...
4116R-001-332 BOURNS-4116R-001-332 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
List of Unclassifed Man...
26-249N12G ETC-26-249N12G Datasheet
564Kb / 2P
   SOCKET RECEPTACLES: PRODUCT SELECTION GUIDE
logo
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com