Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4933G Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # 1N4933G
Description  GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

1N4933G Datasheet(HTML) 1 Page - Gulf Semiconductor

  1N4933G Datasheet HTML 1Page - Gulf Semiconductor 1N4933G Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4933G THRU 1N4937G
GLASS PASSIVATED JUNCTION
FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE:50 TO 600V
CURRENT: 1.0A
FEATURE
DO-41\DO-204AL
High temperature metallurgic ally bonded construction
Glass Passivated cavity free junction
Capability of meeting environmental standard of
MIL-S-19500
High temperature soldering guaranteed
250
°C/10sec/0.375”lead length at 5 lbs tension
Operate at Ta =75
°C with no thermal run away
Typical Ir<0.1
µA
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
1N4933
G
1N4934
G
1N4935
G
1N4936
G
1N4937
G
units
*
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
V
*
Maximum RMS Voltage
Vrms
35
70
140
280
420
V
*
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
V
*
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =75
°C
If(av)
1.0
A
*
Peak Forward Surge Current 8.3ms single
Half sine-wave superimposed on rated load
Ifsm
30.0
A
*
Maximum Forward Voltage at rated Forward
Current and 25
°C
Vf
1.2
V
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
5.0
100
µA
µA
*
Maximum Reverse Recovery Time
(Note 1)
Trr
200.0
nS
Typical Junction Capacitance
(Note 2)
Cj
15.0
pF
Typical Thermal Resistance
(Note 3)
R(ja)
55.0
°C /W
*
Storage and Operating Junction Temperature
Tstg, Tj
-55 to +150
°C
Note:
1. Reverse Recovery Condition If =1.0A, Vr =30V
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 3/8”lead length, P.C. Board Mounted
* JEDEC registered value
Rev.A1
www.gulfsemi.com


Similar Part No. - 1N4933G

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
1N4933G DACHANG-1N4933G Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier
logo
Rectron Semiconductor
1N4933G RECTRON-1N4933G Datasheet
28Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Microdiode Electronics ...
1N4933G CHENDA-1N4933G Datasheet
643Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Won-Top Electronics
1N4933G WTE-1N4933G Datasheet
54Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Shanghai Shunye Electro...
1N4933G SY-1N4933G Datasheet
1,021Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results

Similar Description - 1N4933G

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N4933GP GULFSEMI-1N4933GP Datasheet
172Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
TVR10G GULFSEMI-TVR10G Datasheet
73Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
RU1DGF GULFSEMI-RU1DGF Datasheet
133Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 1.0A
BYT43JGP GULFSEMI-BYT43JGP Datasheet
80Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
1N4933 GULFSEMI-1N4933 Datasheet
149Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
SF4001GP GULFSEMI-SF4001GP Datasheet
183Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
RGP10A GULFSEMI-RGP10A Datasheet
75Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
GUF10A GULFSEMI-GUF10A Datasheet
159Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1200V CURRENT: 1.0A
RG1J GULFSEMI-RG1J Datasheet
82Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
1F1G GULFSEMI-1F1G Datasheet
146Kb / 2P
   FAST RECOVERY GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com