Electronic Components Datasheet Search |
|
IRF7759L2TRPBF Datasheet(PDF) 2 Page - International Rectifier |
|
IRF7759L2TRPBF Datasheet(HTML) 2 Page - International Rectifier |
2 / 6 page Product Line Overview Integrated design platforms that enable customers to add energy- conserving features that achieve lower operating energy costs and manufacturing Bill of Material (BOM) costs. • Appliances • Audio • Display • Industrial • Lighting • SMPS Product Line Energy Saving Products Optimized power management sys- tem solutions that deliver bench- mark power density, efficiency and performance in enterprise power. Enterprise Power Automotive grade power manage- ment solutions qualified to meet the needs of 12V, 24V and HE/EV applica- tions with a zero defect goal. Automotive IR continues to lead the industry by offering power MOSFETs with the lowest R DS(on) and widest range of packages up to 250V for a diverse range of applications. Benchmark MOSFETs Our discrete components, complex hybrid power module assemblies and rugged DC-DC converters uti- lize leading-edge power technology which, together with demanding environmental specifications help engineers to meet their toughest design challenges. HiRel • Servers • Storage Networks • Switchers & Routers • Workstations • Notebooks • Game Stations • Set-Top Box • Audio • Computing • Communications • Motor Control • Power Supply • Synchronous Rectification • Space • Military • Commercial Aviation • Rugged Industrial • Medical • DirectFET® • Low-Voltage ICs • SupIRBuck™ • XPhase® • Power Monitor IC • iPOWIR ® Automotive Qualified: • HEXFET® Power MOSFETs • Intelligent Power Switches • Driver ICs (Low-, Mid- and High-Voltage) • IGBTs for Motor Drives, Various Loads • Discrete HEXFET® MOSFETs • Dual HEXFET® MOSFETs • FETKY® • RAD-Hard MOSFETs • Power Modules/Hybrid Solutions • Motor Control Solutions • DC-DC Converters • Digital Control ICs • High-Voltage ICs • IGBTs • IRAM Integrated Power Modules • Intelligent Power Switches • MERs Key Products • AC and DC Motor Drives • Powertrain / Engine control • Body Electronics • Lighting • Class D Audio • Heavy Loads and Actuators Applications Benchmark MOSFETs Product Selection Guide 10435A Benchmark MOSFETs | Selection Guide Broad Portfolio of MOSFETS Targeting Multiple Market Segments For a full list of the automotive MOSFETs please visit www.irf.com Key Differentiators • Industry brand leader in MOSFETs • Leading performance MOSFETs • Industry reputation for quality • Broad product portfolio • Widest range of packages up to 250V • Discrete HEXFET® MOSFETs • Dual HEXFET® MOSFETs • FETKY® FEATURES • Industry brand leader in MOSFET • Benchmark thermal performance • Lowest R DS(ON) International Rectifier will release an expansive portfolio of PQFN benchmark MOSFETs in early CY10. Double-sided cooling for superior thermal performance Industrial Power Supply Consumer/ Data Processing Key Products Power QFN DirectFET® THE IR ADVANTAGE • Increases current density • Cuts MOSFET part count by 60% • Reduces PCB space by 50% • Up to 50°C lower operating temperature increases reliability • Lower total system cost • Ultra low package resistance and inductance • Industry lowest On-Resistance • Compatible with existing surface mount techniques International Rectifier’s DirectFET® power package is a breakthrough surface-mount power MOSFET packaging technology designed for efficient topside cooling in combination with improved bottom-side cooling, the new package can be cooled on both sides to cut part count by up to 60%, and board space by as much as 50% compared to devices in standard or enhanced SO-8 packages. PQFN 5x6 D2Pak 30% larger die than D2Pak and a 60% reduction in board space 40% smaller footprint than SO-8 Same die size as D-Pak, 54% reduction in board space D-Pak Medium Can DirectFET® Large Can DirectFET® THE POWER MANAGEMENT LEADER www.irf.com For a complete list of IR MOSFETs go to www.irf.com/product-info/hexfet For additional information on International Rectifier’s MOSFETs and other products call +1.800.981.8699 or +49.6102.884.311 or visit us at www.irf.com Competitive R DS(ON) comparison made Q4 09 Small Can DirectFET® SO-8 |
Similar Part No. - IRF7759L2TRPBF |
|
Similar Description - IRF7759L2TRPBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |