Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5408GM Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # 1N5408GM
Description  GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50V to 1000V CURRENT: 3.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

1N5408GM Datasheet(HTML) 2 Page - Gulf Semiconductor

  1N5408GM Datasheet HTML 1Page - Gulf Semiconductor 1N5408GM Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 1N5400GM THRU 1N5408GM
Rev.A1
www.gulfsemi.com


Similar Part No. - 1N5408GM

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N5408G RECTRON-1N5408G Datasheet
23Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
1N5408G DACHANG-1N5408G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
logo
Taiwan Semiconductor Co...
1N5408G TSC-1N5408G Datasheet
61Kb / 2P
   3.0 AMPS. Glass Passivated Rectifiers
logo
Yangzhou yangjie electr...
1N5408G YANGJIE-1N5408G Datasheet
207Kb / 4P
   General Purpose Rectifier
logo
ON Semiconductor
1N5408G ONSEMI-1N5408G Datasheet
120Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
May, 2008 ??Rev. 10
More results

Similar Description - 1N5408GM

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5400G GULFSEMI-1N5400G Datasheet
111Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50V to 1000V CURRENT: 3.0A
1N5400G-E GULFSEMI-1N5400G-E Datasheet
112Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50V to 1000V CURRENT: 3.0A
1N5554 GULFSEMI-1N5554 Datasheet
110Kb / 2P
   SINTERED GLASS JUNCTION RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
GUFB30M GULFSEMI-GUFB30M Datasheet
81Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
BYW82GP GULFSEMI-BYW82GP Datasheet
139Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:200 TO 1000V CURRENT: 3.0A
GP30A GULFSEMI-GP30A Datasheet
139Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
1N4007G-1 GULFSEMI-1N4007G-1 Datasheet
91Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
GPP1A GULFSEMI-GPP1A Datasheet
84Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
FR301G GULFSEMI-FR301G Datasheet
68Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 1000V CURRENT:3.0A
UF5400-E GULFSEMI-UF5400-E Datasheet
218Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER Voltage: 50 to 1000V Current: 3.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com