Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3126ADR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP3126ADR2G
Description  3 A Synchronous PWM Switching Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3126ADR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP3126ADR2G Datasheet HTML 5Page - ON Semiconductor NCP3126ADR2G Datasheet HTML 6Page - ON Semiconductor NCP3126ADR2G Datasheet HTML 7Page - ON Semiconductor NCP3126ADR2G Datasheet HTML 8Page - ON Semiconductor NCP3126ADR2G Datasheet HTML 9Page - ON Semiconductor NCP3126ADR2G Datasheet HTML 10Page - ON Semiconductor NCP3126ADR2G Datasheet HTML 11Page - ON Semiconductor NCP3126ADR2G Datasheet HTML 12Page - ON Semiconductor NCP3126ADR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
NCP3126
http://onsemi.com
9
Current Limit Protection
In case of a short circuit or overload, the low−side (LS)
FET will conduct large currents. The regulator will latch off,
protecting the load and MOSFETs from excessive heat and
damage. Low−side RDS(on) sense is implemented at the end
of each LS−FET turn−on duration to sense the current.
While the low side MOSFET is on, the VSW voltage is
compared to the user set internally generated OCP trip
voltage. If the VSW voltage is lower than OCP trip voltage,
an overcurrent condition occurs and a counter counts
consecutive current trips. If the counter reaches 7, the PWM
logic and both HS−FET and LS−FET are turned off. The
regulator has to go through a Power On Reset (POR) cycle
to reset the OCP fault as shown in Figure 20.
BG
VOCTH
Current
Flow
0V
VOCTH
PHASE
Low Side
MOSFET
Current
BG
Drive
Figure 20. Current Limit Trip
APPLICATION SECTION
Design Procedure
When starting the design of a buck regulator, it is
important to collect as much information as possible about
the behavior of the input and output before starting the
design.
ON Semiconductor has a Microsoft Excel
® based design
tool available online under the design tools section of the
NCP3126 product page. The tool allows you to capture your
design point and optimize the performance of your regulator
based on your design criteria.
Table 4. DESIGN PARAMETERS
Design Parameter
Example Value
Input voltage
(VIN)
10.8 V to 13.2 V
Output voltage
(VOUT)
3.3 V
Input ripple voltage
(VINRIPPLE)
300 mV
Output ripple voltage
(VOUTRIPPLE)
60 mV
Output current rating
(IOUT)
3 A
Operating frequency
(FSW)
350 kHz
The buck converter produces input voltage VIN pulses that
are LC filtered to produce a lower DC output voltage VOUT.
The output voltage can be changed by modifying the on time
relative to the switching period T or switching frequency.
The ratio of high side switch on time to the switching period
is called duty ratio D. Duty ratio can also be calculated using
VOUT, VIN, the Low Side Switch Voltage Drop VLSD, and
the High Side Switch Voltage Drop VHSD.
FSW + 1T
(eq. 2)
D +
TON
T
and (1 * D) +
TOFF
T
(eq. 3)
D +
VOUT ) VLSD
VIN * VHSD ) VLSD
[ D +
VOUT
VIN
³ 27.5% +
3.3 V
12 V
(eq. 4)
D
= Duty cycle
FSW
= Switching frequency
T
= Switching period
TOFF
= High side switch off time
TON
= High side switch on time
VHSD
= High side switch voltage drop
VIN
= Input voltage
VLSD
= Low side switch voltage drop
VOUT
= Output voltage
Inductor Selection
When selecting an inductor, the designer can employ a
rule of thumb for the design where the percentage of ripple
current in the inductor should be between 10% and 40%.
When using ceramic output capacitors, the ripple current can
be greater because the ESR of the output capacitor is smaller,
thus a user might select a higher ripple current. However,


Similar Part No. - NCP3126ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3120 ONSEMI-NCP3120 Datasheet
1Mb / 39P
   Dual 2.0 A, Step-Down DC/DC Switching Regulator
January, 2008 - Rev. 0
NCP3120MNTXG ONSEMI-NCP3120MNTXG Datasheet
1Mb / 39P
   Dual 2.0 A, Step-Down DC/DC Switching Regulator
January, 2008 - Rev. 0
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121MNTXG ONSEMI-NCP3121MNTXG Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3122 ONSEMI-NCP3122 Datasheet
2Mb / 42P
   Dual 2.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
More results

Similar Description - NCP3126ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3125 ONSEMI-NCP3125 Datasheet
325Kb / 22P
   4 A Synchronous PWM Switching Converter
April, 2010 ??Rev. 1
NCP3127 ONSEMI-NCP3127 Datasheet
640Kb / 24P
   2 A Synchronous PWM Switching Converter
May, 2010 ??Rev. 0
NCP3170 ONSEMI-NCP3170_14 Datasheet
684Kb / 26P
   Synchronous PWM Switching Converter
September, 2014 ??Rev. 5
NCP3170ADR2G ONSEMI-NCP3170ADR2G Datasheet
684Kb / 26P
   Synchronous PWM Switching Converter
April, 2013 ??Rev. 3
NCP3170 ONSEMI-NCP3170 Datasheet
701Kb / 25P
   Synchronous PWM Switching Converter
August, 2011 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
logo
STMicroelectronics
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
logo
Feeling Technology Corp...
FP6288 FEELING-FP6288 Datasheet
432Kb / 12P
   Non-Synchronous PWM Boost Converter
logo
ACE Technology Co., LTD...
ACE710C ACE-ACE710C Datasheet
639Kb / 8P
   1A Synchronous PWM Boost converter
VER 1.1
logo
ON Semiconductor
NCP6324 ONSEMI-NCP6324_V01 Datasheet
533Kb / 17P
   Buck Converter - Synchronous 3 MHz, 2 A
July, 2020 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com