Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72715YFFT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72715YFFT
Description  250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72715YFFT Datasheet(HTML) 4 Page - Texas Instruments

  TPS72715YFFT Datasheet HTML 1Page - Texas Instruments TPS72715YFFT Datasheet HTML 2Page - Texas Instruments TPS72715YFFT Datasheet HTML 3Page - Texas Instruments TPS72715YFFT Datasheet HTML 4Page - Texas Instruments TPS72715YFFT Datasheet HTML 5Page - Texas Instruments TPS72715YFFT Datasheet HTML 6Page - Texas Instruments TPS72715YFFT Datasheet HTML 7Page - Texas Instruments TPS72715YFFT Datasheet HTML 8Page - Texas Instruments TPS72715YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Thermal
Shutdown
Current
Limit
UVLO
Bandgap
IN
EN
OUT
EEPROM
LOGIC
IN
NC
EN
6
5
4
OUT
NC
GND
1
2
3
OUT
B2
A2
B1
A1
IN
EN
GND
TPS727xx
SBVS128B – JUNE 2009 – REVISED APRIL 2010
www.ti.com
DEVICE INFORMATION
Figure 1. Functional Block Diagram
PIN CONFIGURATIONS
space
YFF PACKAGE
DSE PACKAGE
WCSP-4
1,5mm × 1,5mm SON-6
(TOP VIEW)
(TOP VIEW)
Note:
EN pin marked with dot on YFF package.
PIN DESCRIPTIONS
TPS727xx
NAME
YFF
DSE
DESCRIPTION
Regulated output voltage pin. A small 1mF ceramic capacitor is needed from this pin to ground to assure
OUT
B2
1
stability. See Input and Output Capacitor Requirements in the Application Information section for more
details.
NC
2
No connection. This pin can be tied to to ground to improve thermal dissipation.
GND
B1
3
Ground pin.
Enable pin. Driving EN over 0.9V turns on the regulator. Driving EN below 0.4V puts the regulator into
EN
A1
4
shutdown mode, thus reducing the operating current to 120nA, nominal.
NC
5
No connection. This pin can be tied to to ground to improve thermal dissipation.
Input pin. A small capacitor is needed from this pin to ground to assure stability. See Input and Output
IN
A2
6
Capacitor Requirements in the Application Information section for more details.
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - TPS72715YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72715YFFT TI-TPS72715YFFT Datasheet
711Kb / 22P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72715YFFT TI1-TPS72715YFFT Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS72715YFFT TI1-TPS72715YFFT Datasheet
772Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72715YFFT TI-TPS72715YFFT Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72715YFFT TI1-TPS72715YFFT Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
More results

Similar Description - TPS72715YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72710 TI1-TPS72710 Datasheet
772Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI-TPS727XX Datasheet
711Kb / 22P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI1-TPS727XX_11 Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS72718DSEEVM-406 TI-TPS72718DSEEVM-406 Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727 TI1-TPS727_15 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
TPS727 TI-TPS727 Datasheet
1Mb / 37P
[Old version datasheet]   TPS727xx 250-mA, Ultralow IQ, Fast Transient Response,RF Low-Dropout Linear Regulator
TPS727 TI-TPS727_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Monolithic Power System...
EVQ20056-G-00A MPS-EVQ20056-G-00A Datasheet
696Kb / 6P
   Fast Transient Response, Ultra-Small 250mA Linear Regulator EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com