Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65250 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65250
Description  4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK CONVERTER WITH INTEGRATED FET AND DYING GASP STORAGE AND RELEASE CIRCUIT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65250 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65250 Datasheet HTML 3Page - Texas Instruments TPS65250 Datasheet HTML 4Page - Texas Instruments TPS65250 Datasheet HTML 5Page - Texas Instruments TPS65250 Datasheet HTML 6Page - Texas Instruments TPS65250 Datasheet HTML 7Page - Texas Instruments TPS65250 Datasheet HTML 8Page - Texas Instruments TPS65250 Datasheet HTML 9Page - Texas Instruments TPS65250 Datasheet HTML 10Page - Texas Instruments TPS65250 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TPS65250
www.ti.com
SLVSAA3 – JUNE 2010
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input operating voltage
4.5
18
V
TJ
Junction temperature
–40
125
°C
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
MIN
MAX
UNIT
Human body model (HBM) all pins but LDODG
2000
V
Human body model, LDODG
1000
V
Charge device model (CDM), VINDG
500
V
PACKAGE DISSIPATION RATINGS
(1)
TA = 25°C
TA = 55°C
TA = 85°C
PACKAGE
qJA (°C/W)
POWER RATING (W)
POWER RATING (W)
POWER RATING (W)
RHA
30
3.33
2.30
1.33
(1)
Based on JEDEC 51.5 HIGH K environment measured on a 76.2 x 114 x .6-mm board with the following layer arrangement:
(a) Top layer: 2 Oz Cu, 6.7% coverage
(b) Layer 2: 1 Oz Cu, 90% coverage
(c) Layer 3: 1 Oz Cu, 90% coverage
(d) Bottom layer: 2 Oz Cu, 20% coverage
ELECTRICAL CHARACTERISTICS
VIN = 12 V ±5%, VINB2, VINB3 = 5 V ±5%, TJ = –40°C to 125°C, fSW = 1 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY UVLO AND INTERNAL SUPPLY VOLTAGE
VIN
Input Voltage range
4.5
18
V
IDDSDN
Shutdown
EN pin = low for all converters
1.3
mA
Converters enabled, no load
IDDQ
Quiescent, low power disabled (Lo)
Buck1 = 3.3 V, Buck2 = 2.5 V,
20
mA
Buck3 = 7.5 V
Converters enabled, no load
IDDQ_LOW_P
Quiescent, low power enabled (Hi)
Buck1 = 3.3 V, Buck2 = 2.5 V,
1.5
mA
Buck3 = 7.5 V
Rising VIN
4.22
UVLOVIN
VIN under voltage lockout
V
Falling VIN
4.1
UVLODEGLITCH
Both edges
110
µs
V3V
Internal biasing supply
3.3
V
V7V
Internal biasing supply
6.25
V
Rising V7V
3.8
V7VUVLO
UVLO for internal V7V rail
V
Falling V7V
3.6
V7VUVLO_DEGLITCH
Falling edge
110
µs
BUCK CONVERTERS (ENABLE CIRCUIT, CURRENT LIMIT, SOFT START, SWITCHING FREQUENCY AND SYNC CIRCUIT, LOW
POWER MODE)
VIH
Enable threshold high
V3p3 = 3.2 V - 3.4 V
1.55
V
VIL
Enable treshold Low
V3p3 = 3.2 V - 3.4 V
1.24
V
ICHEN
Pull up current enable pin
1.1
µA
tD
Discharge time enable pins
Power-up
10
ms
ISS
Soft start pin current source
5
µA
FSW_BK
Converter switching frequency range
Set externally with resistor
0.3
2.2
MHz
RFSW
Frequency setting resistor
Depending on set frequency
50
600
k
fSW_TOL
Internal oscillator accuracy
fSW = 800 kHz
-10
10
%
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS65250


Similar Part No. - TPS65250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65250 TI-TPS65250 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK CONVERTER WITH INTEGRATED FET AND DYING GASP STORAGE AND RELEASE CIRCUIT
TPS65250RHAR TI-TPS65250RHAR Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK CONVERTER WITH INTEGRATED FET AND DYING GASP STORAGE AND RELEASE CIRCUIT
TPS65250RHAT TI-TPS65250RHAT Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK CONVERTER WITH INTEGRATED FET AND DYING GASP STORAGE AND RELEASE CIRCUIT
More results

Similar Description - TPS65250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65250 TI-TPS65250 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK CONVERTER WITH INTEGRATED FET AND DYING GASP STORAGE AND RELEASE CIRCUIT
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS65251 TI-TPS65251_15 Datasheet
2Mb / 35P
[Old version datasheet]   TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
TPS65288 TI1-TPS65288 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
TPS65251-1 TI-TPS65251-1_15 Datasheet
3Mb / 39P
[Old version datasheet]   TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
logo
Monolithic Power System...
MP111 MPS-MP111 Datasheet
366Kb / 13P
   Dying Gasp Storage and Release Control IC
MP201 MPS-MP201 Datasheet
326Kb / 12P
   Dying Gasp Storage and Release Control IC
logo
Texas Instruments
TPS65287 TI1-TPS65287 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter
TPS65253 TI-TPS65253_15 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS
TPS652510 TI-TPS652510_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com