Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP2823AFCT2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP2823AFCT2G
Description  High Efficiency 3W Filterless Class D Audio Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2823AFCT2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP2823AFCT2G Datasheet HTML 3Page - ON Semiconductor NCP2823AFCT2G Datasheet HTML 4Page - ON Semiconductor NCP2823AFCT2G Datasheet HTML 5Page - ON Semiconductor NCP2823AFCT2G Datasheet HTML 6Page - ON Semiconductor NCP2823AFCT2G Datasheet HTML 7Page - ON Semiconductor NCP2823AFCT2G Datasheet HTML 8Page - ON Semiconductor NCP2823AFCT2G Datasheet HTML 9Page - ON Semiconductor NCP2823AFCT2G Datasheet HTML 10Page - ON Semiconductor NCP2823AFCT2G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NCP2823 Series
http://onsemi.com
7
TYPICAL OPERATING CHARACTERISTICS
0.001
0.01
0.1
1
10
100
1000
10000
100000
FREQUENCY (Hz)
VP = 5 V
Figure 9. THD+N vs Frequency Pout = 1 W,
RL = 8 W
0.001
0.01
0.1
1
10
100
1000
10000
100000
FREQUENCY (Hz)
VP = 2.7 V
Figure 10. THD+N vs Frequency
Pout = 300 mW, RL = 4 W
0.001
0.01
0.1
1
10
100
1000
10000
100000
FREQUENCY (Hz)
Figure 11. THD+N vs Frequency
Pout = 500 mW, RL = 4 W
4.2 V
VP = 5 V
2.5 V
0.001
0.01
0.1
1
10
100
1000
10000
100000
FREQUENCY (Hz)
VP = 5 V
VP = 3.6 V
Figure 12. THD+N vs Frequency
Pout = 1 W, RL = 4 W
0.001
0.01
0.1
1
10
100
1000
10000
100000
FREQUENCY (Hz)
Figure 13. THD+N vs Frequency Pout = 2 W,
RL = 4 W
VP = 5 V
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
100
1000
10000
100000
FREQUENCY (Hz)
VP = 2.5 V
to 5.5 V
Figure 14. CMRR vs Frequency, Vipp = 1 Vpp,
RL = 8 W


Similar Part No. - NCP2823AFCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2823AFCT2G ONSEMI-NCP2823AFCT2G Datasheet
148Kb / 11P
   High Efficiency 3W Filterless Class D Audio Amplifier
January, 2011 ??Rev. 2
More results

Similar Description - NCP2823AFCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2823 ONSEMI-NCP2823_11 Datasheet
148Kb / 11P
   High Efficiency 3W Filterless Class D Audio Amplifier
January, 2011 ??Rev. 2
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
logo
Power Analog Micoelectr...
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8004 DIODES-PAM8004 Datasheet
307Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8403H DIODES-PAM8403H Datasheet
269Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
PAM8603M DIODES-PAM8603M Datasheet
343Kb / 14P
   3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
logo
Lowpower Semiconductor ...
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com