Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62122DRVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62122DRVR
Description  15V, 75mA High Efficient Buck Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62122DRVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62122DRVR Datasheet HTML 6Page - Texas Instruments TPS62122DRVR Datasheet HTML 7Page - Texas Instruments TPS62122DRVR Datasheet HTML 8Page - Texas Instruments TPS62122DRVR Datasheet HTML 9Page - Texas Instruments TPS62122DRVR Datasheet HTML 10Page - Texas Instruments TPS62122DRVR Datasheet HTML 11Page - Texas Instruments TPS62122DRVR Datasheet HTML 12Page - Texas Instruments TPS62122DRVR Datasheet HTML 13Page - Texas Instruments TPS62122DRVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
I - Output Current - mA
O
V
= 5 V
IN
V
= 8 V
IN
V
= 10 V
IN
V
= 12 V
IN
V
= 15 V
IN
V
= 2 V
IN
V
= 3 V
IN
V
= 4 V
IN
V
= 1.2 V,
L = 18 H,
LPS3015,
C
= 4.7 F
O
O
m
m
20
30
40
50
60
70
80
90
100
2
3
4
5
6
7
8
9
10
11
12
13
14
15
V -InputVoltage-V
I
I
=0.1mA
O
I
=5mA
O
I
=10mA
O
I
=25mA
O
I
=50mA
O
V
=1.2V,
L =18 H,
LPS3015,
C
=4.7 F
O
O
m
m
I
=1mA
O
V
=3.5V
IN
V
=4V
IN
V
=10V
IN
V
=12V
IN
V
=15V
IN
V
=3V,
L =18 HLPS3015,
C
=4.7 F
OUT
OUT
m
m
0.01
0.1
1
10
100
I
-OutputCurrent-mA
O
2.91
2.94
2.97
3
3.03
3.06
3.09
V
=7V
IN
V
=5V
IN
1.94
1.96
1.98
2
2.02
2.04
2.06
0.01
0.1
1
10
100
I
-OutputCurrent-mA
O
V
=2.5V
IN
V
=3V
IN
V
=5V
IN
V
=7V
IN
V
=9V
IN
V
=12V
IN
V
=15V
IN
V
=2V,
L =18 HLPS3015,
C
=4.7 F
OUT
OUT
m
m
TPS62120
TPS62122
SLVSAD5 – JULY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT IOUT (VOUT = 1.2V)
INPUT VOLTAGE VIN (VOUT = 1.2V)
Figure 9.
Figure 10.
3.0V OUTPUT VOLTAGE
2.0V OUTPUT VOLTAGE
DC REGULATION
DC REGULATION
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS62120 TPS62122


Similar Part No. - TPS62122DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62120 TI-TPS62120_15 Datasheet
5Mb / 34P
[Old version datasheet]   TPS6212x 15-V, 75-mA Highly Efficient Buck Converter
TPS62125 TI1-TPS62125 Datasheet
7Mb / 37P
[Old version datasheet]   3V-17V, 300mA Step Down Converter With Adjustable Enable Threshold And Hysteresis
TPS62125DSG TI1-TPS62125DSG Datasheet
425Kb / 17P
[Old version datasheet]   TPS62125EVM-044 Evaluation Module
TPS62125DSGR TI1-TPS62125DSGR Datasheet
7Mb / 37P
[Old version datasheet]   3V-17V, 300mA Step Down Converter With Adjustable Enable Threshold And Hysteresis
TPS62125DSGT TI1-TPS62125DSGT Datasheet
7Mb / 37P
[Old version datasheet]   3V-17V, 300mA Step Down Converter With Adjustable Enable Threshold And Hysteresis
More results

Similar Description - TPS62122DRVR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2106 MPS-MP2106 Datasheet
291Kb / 11P
   1.5A, 15V, 800KHz Synchronous Buck Converter
logo
Linear Technology
LTC3111 LINER-LTC3111_15 Datasheet
508Kb / 32P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3111 LINER-LTC3111 Datasheet
508Kb / 32P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3112 LINER-LTC3112_15 Datasheet
683Kb / 32P
   15V, 2.5A Synchronous Buck-Boost DC/DC Converter
LTC3111EDHD LINER-LTC3111EDHD Datasheet
532Kb / 6P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
logo
Texas Instruments
TPS63010 TI1-TPS63010_16 Datasheet
1Mb / 27P
[Old version datasheet]   Highly Efficient, Single Inductor Buck-Boost Converter
logo
Rohm
BM2P159T1F ROHM-BM2P159T1F Datasheet
867Kb / 10P
   Non-Isolation Buck Converter PWM method Output 2.6W 15V
logo
Texas Instruments
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS62743 TI-TPS62743_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62743 300mA High Efficient Buck Converter with Ultra-low Quiescent Current
TPS63000 TI-TPS63000_10 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com