Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4330AIRGYT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4330AIRGYT
Description  50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4330AIRGYT Datasheet(HTML) 3 Page - Texas Instruments

  OPA4330AIRGYT Datasheet HTML 1Page - Texas Instruments OPA4330AIRGYT Datasheet HTML 2Page - Texas Instruments OPA4330AIRGYT Datasheet HTML 3Page - Texas Instruments OPA4330AIRGYT Datasheet HTML 4Page - Texas Instruments OPA4330AIRGYT Datasheet HTML 5Page - Texas Instruments OPA4330AIRGYT Datasheet HTML 6Page - Texas Instruments OPA4330AIRGYT Datasheet HTML 7Page - Texas Instruments OPA4330AIRGYT Datasheet HTML 8Page - Texas Instruments OPA4330AIRGYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
OPA330
OPA2330
OPA4330
www.ti.com
SBOS432D – AUGUST 2008 – REVISED JUNE 2010
ELECTRICAL CHARACTERISTICS: VS = +1.8V to +5.5V
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
OPA330, OPA2330, OPA4330
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = +5V
8
50
mV
vs Temperature
dVOS/dT
0.02
0.25
mV/°C
vs Power Supply
PSRR
VS = +1.8V to +5.5V
1
10
mV/V
Long-Term Stability(1)
See (1)
Channel Separation, dc
0.1
mV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±200
±500
pA
Input Bias Current: OPA330YFF, OPA4330
±70
±300
pA
over Temperature
±300
pA
Input Offset Current
IOS
±400
±1000
pA
Input Offset Current: OPA330YFF, OPA4330
±140
±600
pA
NOISE
Input Voltage Noise Density
en
f = 1kHz
55
nV/
√Hz
Input Voltage Noise
f = 0.01Hz to 1Hz
0.3
mVPP
Input Voltage Noise
f = 0.1Hz to 10Hz
1.1
mVPP
Input Current Noise
in
f = 10Hz
100
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) – 0.1
(V+) + 0.1
V
Common-Mode Rejection Ratio
CMRR
(V–) – 0.1V < VCM < (V+) + 0.1V
100
115
dB
Common-Mode Rejection Ratio:
(V–) – 0.1V < VCM < (V+) + 0.1V, VS = 5.5V
100
115
dB
OPA330YFF, OPA4330
INPUT CAPACITANCE
Differential
2
pF
Common-Mode
4
pF
OPEN-LOOP GAIN
(V–) + 100mV < VO < (V+) – 100mV,
Open-Loop Voltage Gain
AOL
100
115
dB
RL = 10kΩ
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
CL = 100pF
350
kHz
Slew Rate
SR
G = +1
0.16
V/ms
OUTPUT
Voltage Output Swing from Rail
30
100
mV
Short-Circuit Current
ISC
±5
mA
Capacitive Load Drive
CL
See Typical Characteristics
Open-Loop Output Impedance
f = 350kHz, IO = 0
2
k
POWER SUPPLY
Specified Voltage Range
VS
1.8
5.5
V
Quiescent Current Per Amplifier
IQ
IO = 0
21
35
mA
Turn-On Time
VS = +5V
100
ms
(1)
300-hour life test at +150°C demonstrated randomly distributed variation of approximately 1mV.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA330 OPA2330 OPA4330


Similar Part No. - OPA4330AIRGYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4330AIRGYT TI-OPA4330AIRGYT Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
More results

Similar Description - OPA4330AIRGYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA330 TI-OPA330 Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA330 TI-OPA330_15 Datasheet
1Mb / 37P
[Old version datasheet]   50關V VOS, 0.25關V/째C, 35關A CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
National Semiconductor ...
OPA335 NSC-OPA335 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
Texas Instruments
OPA378 TI-OPA378 Datasheet
354Kb / 14P
[Old version datasheet]   Low Noise, 900kHz, 50mV, Rail-to-Rail Input/Output Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
OPA734 TI-OPA734 Datasheet
469Kb / 18P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2335AIDGKRG4 TI1-OPA2335AIDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com