Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61195RUYT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61195RUYT
Description  TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61195RUYT Datasheet(HTML) 4 Page - Texas Instruments

  TPS61195RUYT Datasheet HTML 1Page - Texas Instruments TPS61195RUYT Datasheet HTML 2Page - Texas Instruments TPS61195RUYT Datasheet HTML 3Page - Texas Instruments TPS61195RUYT Datasheet HTML 4Page - Texas Instruments TPS61195RUYT Datasheet HTML 5Page - Texas Instruments TPS61195RUYT Datasheet HTML 6Page - Texas Instruments TPS61195RUYT Datasheet HTML 7Page - Texas Instruments TPS61195RUYT Datasheet HTML 8Page - Texas Instruments TPS61195RUYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
L
Diode
VIN
Slope
Compensation
S
S
R
Q
Oscillator
Vref
IFB1
DPWM
Error
Amp
Comp
SW 1
IFB2
IFB3
IFB4
IFB5
IFB6
IFB7
IFB8
M
U
X
EA
FSW
Dimming Mode
Select
SEL1
SCL
SDA
A
D
A
D
SMBus
Interface
00h
01h
02h
03h
FDPWM
PWM_SEL
PWM_MD
PWM Signal
Generator
Current Mirror
ISET
FDIM
Current REF
EN
BL_CTL
VIN
Linear
Regulator
VDDIO
C2
1 mF
Current Sink
Current Sink
Current Sink
Current Sink
Current Sink
Current Sink
Current Sink
Current Sink
Phase
Shist
Dimming
Control
C3
4.7 mF
R5
R6
PGND
1,2
IFB 1
IFB 2
IFB 3
IFB 4
IFB 5
IFB 6
IFB 7
IFB 8
AGND
EN
Shutdown
C1
4.7 mF
SMBus
OUTPUT
R2
R4
R3
R1
OVP
OVP
Shutdown Boost
SW 2
C4
1 mF
SEL2
TPS61195
SLVSA07 – MAY 2010
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION
PACKAGE
PACKAGE MARKING
TPS61195RUY
TPS61195
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS61195


Similar Part No. - TPS61195RUYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61195RUY TI-TPS61195RUY Datasheet
722Kb / 27P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195RUYR TI-TPS61195RUYR Datasheet
722Kb / 27P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
More results

Similar Description - TPS61195RUYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61195 TI-TPS61195 Datasheet
722Kb / 27P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61185 TI-TPS61185 Datasheet
797Kb / 26P
[Old version datasheet]   WLED Driver for Notebooks with PWM Control Interface
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
TPS61187 TI1-TPS61187 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Auto Phase Shift
LP8543 TI1-LP8543 Datasheet
650Kb / 36P
[Old version datasheet]   SMBus/I2C Controlled WLED Driver for Medium-Sized LCD Backlight
logo
Micrel Semiconductor
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
   High Efficiency 2 Channel WLED Driver with PWM Control
logo
Allegro MicroSystems
A8516 ALLEGRO-A8516 Datasheet
554Kb / 17P
   The A8516 is a multi-output WLED/RGB driver for backlighting LCD monitors and televisions.
logo
Maxim Integrated Produc...
MAX17105 MAXIM-MAX17105 Datasheet
993Kb / 26P
   8-String WLED Driver with Integrated Step-Up Regulator and SMBus/PWM Dimming Capability
Rev 2; 9/14
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Micrel Semiconductor
MIC3263 MICREL-MIC3263 Datasheet
1,020Kb / 32P
   Six-Channel WLED Driver for Backlighting Applications with Flicker-Free Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com