Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54521RHLR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521RHLR
Description  4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54521RHLR Datasheet(HTML) 5 Page - Texas Instruments

  TPS54521RHLR Datasheet HTML 1Page - Texas Instruments TPS54521RHLR Datasheet HTML 2Page - Texas Instruments TPS54521RHLR Datasheet HTML 3Page - Texas Instruments TPS54521RHLR Datasheet HTML 4Page - Texas Instruments TPS54521RHLR Datasheet HTML 5Page - Texas Instruments TPS54521RHLR Datasheet HTML 6Page - Texas Instruments TPS54521RHLR Datasheet HTML 7Page - Texas Instruments TPS54521RHLR Datasheet HTML 8Page - Texas Instruments TPS54521RHLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
TPS54521
www.ti.com
SLVS981 – JUNE 2010
ELECTRICAL CHARACTERISTICS (continued)
TJ= –40°C to 125°C, VIN = 4.5V to 17V, PVIN = 1.6V to 17V (unless otherwise noted)
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN
Thermal shutdown
140
150
°C
Thermal shutdown hysteresis
5
°C
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
Minimum switching frequency
Rrt = 240 k
Ω (1%)
160
200
240
kHz
Switching frequency
Rrt = 100 k
Ω (1%)
400
480
560
kHz
Maximum switching frequency
Rrt = 53 k
Ω (1%)
765
900
1035
kHz
Minimum pulse width
20
ns
RT/CLK high threshold
2
V
RT/CLK low threshold
0.8
V
RT/CLK falling edge to PH rising edge delay
Measure at 500 kHz with RT resistor in series
62
ns
Switching frequency range (RT mode set point
200
900
kHz
and PLL mode)
PH (PH PIN)
Minimum on time
Measured at 90% to 90% of PH, TA = 25°C, IPH =
97
135
ns
2A
Minimum off time
BOOT-PH
≥ 3 V
0
ns
BOOT (BOOT PIN)
BOOT-PH UVLO
2.1
3
V
SLOW START AND TRACKING (SS/TR PIN)
SS charge current
2.3
mA
SS/TR to VSENSE matching
V(SS/TR) = 0.4 V
29
60
mV
POWER GOOD (PWRGD PIN)
VSENSE falling (Fault)
91
% Vref
VSENSE rising (Good)
94
% Vref
VSENSE threshold
VSENSE rising (Fault)
109
% Vref
VSENSE falling (Good)
106
% Vref
Output high leakage
VSENSE = Vref, V(PWRGD) = 5.5 V
30
100
nA
Output low
I(PWRGD) = 2 mA
0.3
V
Minimum VIN for valid output
V(PWRGD) < 0.5V at 100 mA
0.6
1
V
Minimum SS/TR voltage for PWRGD valid
1.2
1.4
V
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS54521


Similar Part No. - TPS54521RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54521RHLR TI1-TPS54521RHLR Datasheet
1Mb / 41P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down Converter
More results

Similar Description - TPS54521RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_15 Datasheet
1Mb / 41P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down Converter
TPS54521 TI1-TPS54521_17 Datasheet
1Mb / 41P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54620 TI-TPS54620_11 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS56921 TI-TPS56921_15 Datasheet
995Kb / 37P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT??Converter With VID Control
TPS56921 TI-TPS56921 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com