Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54319RTE Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS54319RTE
Description  2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54319RTE Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54319RTE Datasheet HTML 4Page - Texas Instruments TPS54319RTE Datasheet HTML 5Page - Texas Instruments TPS54319RTE Datasheet HTML 6Page - Texas Instruments TPS54319RTE Datasheet HTML 7Page - Texas Instruments TPS54319RTE Datasheet HTML 8Page - Texas Instruments TPS54319RTE Datasheet HTML 9Page - Texas Instruments TPS54319RTE Datasheet HTML 10Page - Texas Instruments TPS54319RTE Datasheet HTML 11Page - Texas Instruments TPS54319RTE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
55
60
65
70
75
80
85
90
95
100
105
V =3.3V
I
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.3
V =3.3V,rising
I
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =3.3V,falling
I
-5.15
-5.05
-4.95
-4.85
-4.75
-4.65
-4.55
-4.45
-4.35
-4.25
V = 5 V,
Ven = Threshold +50 mV
I
-50
-25
0
25
50
75
100
125
150
T
- Junction Temperature - °C
J
-1.65
-1.55
-1.45
-1.35
-1.25
-1.15
-1.05
-0.95
-0.85
V = 5 V,
Ven = Threshold -50 mV
I
-50
-25
0
25
50
75
100
125
150
T
- Junction Temperature - °C
J
-3
-2.8
-2.6
-2.4
-2.2
-2
-1.8
-1.6
-1.4
-50
-30
-10
10
30
50
70
90
110
130
150
T
- Junction Temperature - °C
J
V = 5 V
I
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
UVLOStartSwitching
UVLOStopSwitching
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
TPS54319
SLVSA83 – JUNE 2010
www.ti.com
TYPICAL CHARACTERISTICS CURVES (continued)
TRANSCONDUCTANCE (SLOW START) vs
JUNCTION TEMPERATURE
EN PIN VOLTAGE vs TEMPERATURE
Figure 9.
Figure 10.
EN PIN CURRENT vs TEMPERATURE
EN PIN CURRENT vs TEMPERATURE
Figure 11.
Figure 12.
CHARGE CURRENT vs TEMPERATURE
INPUT VOLTAGE vs TEMPERATURE
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS54319


Similar Part No. - TPS54319RTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54319RTE TI-TPS54319RTE Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319RTER TI-TPS54319RTER Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319RTET TI-TPS54319RTET Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results

Similar Description - TPS54319RTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54318 TI-TPS54318_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54318 2.95-V to 6-V Input, 3-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54418 TI1-TPS54418_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com