Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40210-HT Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS40210-HT
Description  5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40210-HT Datasheet(HTML) 2 Page - Texas Instruments

  TPS40210-HT_1 Datasheet HTML 1Page - Texas Instruments TPS40210-HT_1 Datasheet HTML 2Page - Texas Instruments TPS40210-HT_1 Datasheet HTML 3Page - Texas Instruments TPS40210-HT_1 Datasheet HTML 4Page - Texas Instruments TPS40210-HT_1 Datasheet HTML 5Page - Texas Instruments TPS40210-HT_1 Datasheet HTML 6Page - Texas Instruments TPS40210-HT_1 Datasheet HTML 7Page - Texas Instruments TPS40210-HT_1 Datasheet HTML 8Page - Texas Instruments TPS40210-HT_1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
52.8 µm
52.2 µm
0.0
1
2
3
4
5
6
7
8
9
10
1238.4 µm
NC
NC
(2)
(1)
NC
(3)
NC
(4)
NC
(5)
TPS40210-HT
SLVSAD8 – JUNE 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
BARE DIE INFORMATION
BACKSIDE
BOND PAD
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
THICKNESS
15 mils.
Silicon with backgrind
GND
Al-Cu (0.5%)
0.6 µm
Table 1. Bond Pad Coordinates in Microns
DISCRIPTION
PAD NUMBER
X min
Y min
X max
Y max
RC
1
67.95
1089.45
168.75
1190.25
SS
2
28.8
714.15
129.6
814.95
DIS/EN
3
28.8
595.35
129.6
696.15
COMP
4
28.8
306.45
129.6
407.25
FB
5
28.8
115.29
129.6
216.09
GND
6
1108.62
117.45
1209.42
218.25
ISNS
7
1108.62
332.91
1209.42
433.71
GDRV
8
1108.62
451.71
1209.42
552.51
BP
9
1108.62
570.51
1209.42
671.31
VDD
10
1057.68
1114.02
1158.48
1214.82
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS40210-HT


Similar Part No. - TPS40210-HT_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results

Similar Description - TPS40210-HT_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0804 TI-TPS40210_0804 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com