Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA330AIDBVTG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA330AIDBVTG4
Description  50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA330AIDBVTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA330AIDBVTG4 Datasheet HTML 2Page - Texas Instruments OPA330AIDBVTG4 Datasheet HTML 3Page - Texas Instruments OPA330AIDBVTG4 Datasheet HTML 4Page - Texas Instruments OPA330AIDBVTG4 Datasheet HTML 5Page - Texas Instruments OPA330AIDBVTG4 Datasheet HTML 6Page - Texas Instruments OPA330AIDBVTG4 Datasheet HTML 7Page - Texas Instruments OPA330AIDBVTG4 Datasheet HTML 8Page - Texas Instruments OPA330AIDBVTG4 Datasheet HTML 9Page - Texas Instruments OPA330AIDBVTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
10
120
100
80
60
40
20
0
-
20
250
200
150
100
50
0
-
50
-
100
100k
10k
1k
100
Frequency(Hz)
1M
Phase
Gain
OffsetVoltage( V)
m
1
140
120
100
80
60
40
20
0
100k
10k
1k
100
10
Frequency(Hz)
1M
1
120
100
80
60
40
20
0
10k
100k
1k
100
10
Frequency(Hz)
1M
+PSRR
-
PSRR
0
3
2
1
0
-
1
-
2
-
3
1
OutputCurrent(mA)
10
7
8
9
6
5
4
3
2
-
°
40 C
-
°
40 C
-
°
40 C
+25 C
°
+25 C
°
+25 C
°
+125 C
°
+125 C
°
V =
2.75V
±
S
V =
0.9V
±
S
210
205
200
195
190
-
190
-
195
-
200
-
205
-
210
0
1
2
3
4
5
Common-ModeVoltage(V)
-
I
B
+I
B
OPA330
OPA2330
OPA4330
SBOS432D – AUGUST 2008 – REVISED JUNE 2010
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, CL = 0pF, RL = 10kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
OPEN-LOOP GAIN vs FREQUENCY
Figure 1.
Figure 2.
COMMON-MODE REJECTION RATIO vs FREQUENCY
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
Figure 3.
Figure 4.
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
INPUT BIAS CURRENT vs COMMON-MODE VOLTAGE
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA330 OPA2330 OPA4330


Similar Part No. - OPA330AIDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA330AIDBVTG4 TI-OPA330AIDBVTG4 Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
More results

Similar Description - OPA330AIDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA330 TI-OPA330 Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA330 TI-OPA330_15 Datasheet
1Mb / 37P
[Old version datasheet]   50關V VOS, 0.25關V/째C, 35關A CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
National Semiconductor ...
OPA335 NSC-OPA335 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
Texas Instruments
OPA378 TI-OPA378 Datasheet
354Kb / 14P
[Old version datasheet]   Low Noise, 900kHz, 50mV, Rail-to-Rail Input/Output Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
OPA734 TI-OPA734 Datasheet
469Kb / 18P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2335AIDGKRG4 TI1-OPA2335AIDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com