Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP694DSAN10T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP694DSAN10T1G
Description  1A CMOS Low-Dropout Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP694DSAN10T1G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP694DSAN10T1G Datasheet HTML 1Page - ON Semiconductor NCP694DSAN10T1G Datasheet HTML 2Page - ON Semiconductor NCP694DSAN10T1G Datasheet HTML 3Page - ON Semiconductor NCP694DSAN10T1G Datasheet HTML 4Page - ON Semiconductor NCP694DSAN10T1G Datasheet HTML 5Page - ON Semiconductor NCP694DSAN10T1G Datasheet HTML 6Page - ON Semiconductor NCP694DSAN10T1G Datasheet HTML 7Page - ON Semiconductor NCP694DSAN10T1G Datasheet HTML 8Page - ON Semiconductor NCP694DSAN10T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NCP694
http://onsemi.com
5
ELECTRICAL CHARACTERISTIC FOR ADJUSTABLE VERSION (Vin = Vout + 1 V, VCE = Vin, Cin = Cout = 4.7 mF, TA
= 25°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Voltage
Vin
1.4
6
V
Supply Current (Vout = VADJ, Vin = 2 V, VCE = Vin)
ISS
60
100
uA
Standby Current (Vin = 6.0 V, VCE = 0 V)
Istandby
0.1
1
uA
Reference Voltage For Adjustable Voltage Regulator (Vout = VADJ, Vin = 2.0 V,
Iout = 100 mA
Vref
0.97
1
1.03
V
Output Voltage Range
Voutrange
1
Vin
V
Output Current (Vout = VADJ, Vin = 2.0 V)
Iout
1
A
Load Regulation (Vin = 1.4 V, 1 mA < Iout < 300 mA, Vout = VADJ)
Vout/Iout
−15
−2
15
mV
Load Regulation (Vin = 1.7 V, 1 mA < Iout < 1 A, Vout = VADJ)
Vout/Iout
−3
mV
Dropout Voltage (Vout = VADJ, Iout = 300 mA)
Vdrop300
0.18
0.32
V
Dropout Voltage (Vout = VADJ, Iout = 1 A)
Vdrop1
0.56
V
Line regulation (Vout = VADJ, Iout = 100 mA, 1.5 V < Vin < 6.0 V
Vout/Vin
0.05
0.2
%V
PSRR ( f = 1 kHz, Vout = VADJ, Vin = 2.5 V, Iout = 100 mA, Input Ripple 0.5 Vpp)
PSRR
70
dB
Output Voltage Temperature Coefficient (Iout = 100 mA, −40°C < TJ < 85°C)
Vout/TJ
$100
ppm/°C
Short Current Limit (Vout = VADJ = 0)
Ilim
250
mA
Enable Pull−down Current
ICE
100
220
nA
Enable Input Threshold Voltage
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
VthCE
1
0
6
0.4
V
Thermal Shutdown Temperature/Hysteresis
Tshdn/
Hyst
150/
30
°C
RDS(on) of additional output transistor (D version only)
RDS(on)
30
W


Similar Part No. - NCP694DSAN10T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP694DSAN10T1G ONSEMI-NCP694DSAN10T1G Datasheet
464Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
June, 2011 ??Rev. 2
More results

Similar Description - NCP694DSAN10T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP694 ONSEMI-NCP694_11 Datasheet
464Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
June, 2011 ??Rev. 2
NCP693 ONSEMI-NCP693 Datasheet
599Kb / 12P
   1A CMOS Low-Dropout Voltage Regulator
September, 2009 ??Rev. 0
logo
Analog Microelectronics
AME8827 AME-AME8827 Datasheet
161Kb / 16P
   Low Dropout 1A CMOS Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Unisonic Technologies
L11810 UTC-L11810_10 Datasheet
152Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810_12 Datasheet
200Kb / 4P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810 Datasheet
150Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com