Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1642AIDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1642AIDR
Description  High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1642AIDR Datasheet(HTML) 1 Page - Texas Instruments

  OPA1642AIDR Datasheet HTML 1Page - Texas Instruments OPA1642AIDR Datasheet HTML 2Page - Texas Instruments OPA1642AIDR Datasheet HTML 3Page - Texas Instruments OPA1642AIDR Datasheet HTML 4Page - Texas Instruments OPA1642AIDR Datasheet HTML 5Page - Texas Instruments OPA1642AIDR Datasheet HTML 6Page - Texas Instruments OPA1642AIDR Datasheet HTML 7Page - Texas Instruments OPA1642AIDR Datasheet HTML 8Page - Texas Instruments OPA1642AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
OP
A1642
OP
A1641
OP
A1644
Burr-BrownAudio
IN-
Pre-OutputDriver
OUT
IN+
V+
V-
OPA1641
OPA1642
OPA1644
www.ti.com
SBOS484A – DECEMBER 2009 – REVISED APRIL 2010
™ High-Performance, JFET-Input
AUDIO OPERATIONAL AMPLIFIERS
Check for Samples: OPA1641, OPA1642, OPA1644
1
FEATURES
DESCRIPTION
234
SUPERIOR SOUND QUALITY
The
OPA1641
(single),
OPA1642
(dual),
and
OPA1644 (quad) series are JFET-input, ultralow
TRUE JFET INPUT OP AMP
distortion,
low-noise
operational
amplifiers
fully
WITH LOW INPUT BIAS CURRENT
specified for audio applications.
LOW NOISE: 5.1nV/
√Hz at 1kHz
The OPA1641, OPA1642, and OPA1644 rail-to-rail
ULTRALOW DISTORTION: 0.00005% at 1kHz
output swing allows increased headroom, making
HIGH SLEW RATE: 20V/ms
these devices ideal for use in any audio circuit.
UNITY GAIN STABLE
Features
include
5.1nV/
√Hz noise, low THD+N
(0.00005%), a low input bias current of 2pA, and low
NO PHASE REVERSAL
quiescent current of 1.8mA per channel.
LOW QUIESCENT CURRENT:
These devices operate over a very wide supply
1.8mA per Channel
voltage range of ±2.25V to ±18V. The OPA1641,
RAIL-TO-RAIL OUTPUT
OPA1642, and OPA1644 series of op amps are
WIDE SUPPLY RANGE: ±2.25V to ±18V
unity-gain stable and provide excellent dynamic
SINGLE, DUAL, AND QUAD VERSIONS
behavior over a wide range of load conditions.
AVAILABLE
The dual and quad versions feature completely
independent
circuitry
for
lowest
crosstalk
and
APPLICATIONS
freedom from interactions between channels, even
PROFESSIONAL AUDIO EQUIPMENT
when overdriven or overloaded.
ANALOG AND DIGITAL MIXING CONSOLES
The
OPA1641,
OPA1642,
and
OPA1644
are
BROADCAST STUDIO EQUIPMENT
specified from –40°C to +85°C. SoundPlus™
HIGH-END A/V RECEIVERS
HIGH-END BLU-RAY™ PLAYERS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SoundPlus is a trademark of Texas Instruments Incorporated.
3
BLU-RAY is a trademark of Blu-Ray Disc Assocation.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA1642AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1642AIDR TI-OPA1642AIDR Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1642AIDR TI-OPA1642AIDR Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA1642AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI1-OPA1641 Datasheet
631Kb / 31P
[Old version datasheet]   Sound Plus High-Performance, JFET-Input Audio Operational Amplifiers
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com