Electronic Components Datasheet Search |
|
NCP692MNADJT2G Datasheet(PDF) 7 Page - ON Semiconductor |
|
NCP692MNADJT2G Datasheet(HTML) 7 Page - ON Semiconductor |
7 / 14 page NCP690, NCP691, NCP692 http://onsemi.com 7 Table 6. ELECTRICAL CHARACTERISTICS VIN = (VOUT + 1 V), VEN = VIN, IOUT = 1 mA, CIN = 10 mF, COUT = 10 mF, for typical values TJ = 25°C, for Min/Max values TJ = −40°C to 125°C; unless otherwise noted. (Note 5) (continued) Parameter Unit Max Typ Min Symbol Test Conditions Power supply ripple rejection (Note 8) VOUT = 1.25 V VIN = VOUT + 1 V, with VPP = 0.5 V, COUT = 1 mF f = 120 Hz f = 1 kHz f = 10 kHz PSRR − − − 62 55 40 − − − dB Output noise voltage (Note 8) BW = 200 Hz to 100 kHz, CIN = 1 mF, COUT = 10 mF, TA = 25°C VN − 50 − mVrms Thermal Shutdown Temperature (Note 8) TSD − 175 − °C Thermal Shutdown Hysteresis (Note 8) TSH − 10 − °C 5. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TJ = TA = 25_C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 6. Maximum dropout voltage is limited by minimum input voltage. VIN = 1.7 V recommended for guaranteed operation at maximum output current. 7. Refer to the Applications Information Section. 8. Values based on design and/or characterization. 9. Dropout voltage is defined as the differential voltage between VOUT and VIN, when VOUT drops 100 mV below its nominal value. TYPICAL CHARACTERISTICS Figure 11. Output Voltage vs. Temperature (Vout = 1.25 V) TA, AMBIENT TEMPERATURE (°C) 110 85 135 60 35 10 −15 −40 1.22 1.24 1.25 1.27 1.28 1.26 1.23 IOUT = 1 A IOUT = 100 mA VIN = VOUT_NOM + 1 V = 1.75 V, CIN = COUT = 10 mF Figure 12. Output Voltage vs. Temperature (Vout = 1.5 V) TA, AMBIENT TEMPERATURE (°C) 110 85 135 60 35 10 −15 −40 1.46 1.47 1.49 1.50 1.51 1.53 1.54 1.55 1.52 1.48 IOUT = 1 A IOUT = 100 mA VIN = VOUT_NOM + 1 V = 2.5 V, CIN = COUT = 10 mF Figure 13. Output Voltage vs. Temperature (Vout = 2.5 V) TA, AMBIENT TEMPERATURE (°C) 110 85 135 60 35 10 −15 −40 2.46 2.47 2.48 2.49 2.50 2.51 2.54 2.55 2.52 2.53 IOUT = 1 A IOUT = 100 mA VIN = VOUT_NOM + 1 V = 3.5 V, CIN = COUT = 10 mF Figure 14. Output Voltage vs. Temperature (Vout = 3.3 V) TA, AMBIENT TEMPERATURE (°C) 110 85 135 60 35 10 −15 −40 3.25 3.27 3.29 3.35 3.31 3.33 IOUT = 1 A IOUT = 100 mA VIN = VOUT_NOM + 1 V = 4.3 V, CIN = COUT = 10 mF |
Similar Part No. - NCP692MNADJT2G |
|
Similar Description - NCP692MNADJT2G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |