Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP694D25HT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP694D25HT1G
Description  1A CMOS Low-Dropout Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP694D25HT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP694D25HT1G Datasheet HTML 1Page - ON Semiconductor NCP694D25HT1G Datasheet HTML 2Page - ON Semiconductor NCP694D25HT1G Datasheet HTML 3Page - ON Semiconductor NCP694D25HT1G Datasheet HTML 4Page - ON Semiconductor NCP694D25HT1G Datasheet HTML 5Page - ON Semiconductor NCP694D25HT1G Datasheet HTML 6Page - ON Semiconductor NCP694D25HT1G Datasheet HTML 7Page - ON Semiconductor NCP694D25HT1G Datasheet HTML 8Page - ON Semiconductor NCP694D25HT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2010
January, 2010 − Rev. 1
1
Publication Order Number:
NCP694/D
NCP694
1A CMOS Low-Dropout
Voltage Regulator
The NCP694 series of fixed output super low dropout linear
regulators are designed for portable battery powered applications with
high output current requirement up to 1 A and −3 mV typical load
regulation at 1 A. Each device contains a voltage reference unit, an
error amplifier, a PMOS power transistor, resistors for setting output
voltage, a current limit circuits for overcurrent and thermal−shutdown.
A standby mode with ultra low supply current can be realized with the
chip enable function.
The device is housed in the SOT−89−5 and HSON−6 packages.
Standard voltage versions are 0.8 V, 1.0 V, 1.2 V, 2.5 V, 3.3 V for fixed
version and adjustable output voltage down to 1.0 V.
Features
Maximum Operating Voltage of 6.0 V
Minimum Output Voltage Down to 0.8 V for Fix Version and 1.0 V
for Adjustable Version
Load Regulation −3 mV at 1 A Output Current
Low Dropout
Build−in Auto Discharge Function for D Version
Standby Mode With Low Consumption
These are Pb−Free Devices
Typical Applications
Battery Powered Instruments
Hand−Held Instruments
Camcorders and Cameras
Portable communication equipments
SOT−89−5
CASE 528AB
See detailed ordering and shipping information in the package
dimensions section on page 15 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
http://onsemi.com
XXX
XMM
G
XXXX
= Specific Device Code
MM, YY = Lot Number
G or G
= Pb−Free Package
1
1
6
1
6
XXX
XYYG
HSON−6
CASE 506AE
For actual marking Pb−Free indicator, “G” or micro-
dot “G” may or may not be provided.


Similar Part No. - NCP694D25HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP694D25HT1G ONSEMI-NCP694D25HT1G Datasheet
464Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
June, 2011 ??Rev. 2
More results

Similar Description - NCP694D25HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP694 ONSEMI-NCP694_11 Datasheet
464Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
June, 2011 ??Rev. 2
NCP693 ONSEMI-NCP693 Datasheet
599Kb / 12P
   1A CMOS Low-Dropout Voltage Regulator
September, 2009 ??Rev. 0
logo
Analog Microelectronics
AME8827 AME-AME8827 Datasheet
161Kb / 16P
   Low Dropout 1A CMOS Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Unisonic Technologies
L11810 UTC-L11810_10 Datasheet
152Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810_12 Datasheet
200Kb / 4P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810 Datasheet
150Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com