Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1117LPST50T3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1117LPST50T3G
Description  1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1117LPST50T3G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1117LPST50T3G Datasheet HTML 1Page - ON Semiconductor NCP1117LPST50T3G Datasheet HTML 2Page - ON Semiconductor NCP1117LPST50T3G Datasheet HTML 3Page - ON Semiconductor NCP1117LPST50T3G Datasheet HTML 4Page - ON Semiconductor NCP1117LPST50T3G Datasheet HTML 5Page - ON Semiconductor NCP1117LPST50T3G Datasheet HTML 6Page - ON Semiconductor NCP1117LPST50T3G Datasheet HTML 7Page - ON Semiconductor NCP1117LPST50T3G Datasheet HTML 8Page - ON Semiconductor NCP1117LPST50T3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2010
January, 2010 − Rev. 2
1
Publication Order Number:
NCP1117LP/D
NCP1117LP
1.0 A Low-Dropout Positive
Fixed and Adjustable
Voltage Regulators
The NCP1117LP is the low power version of the popular NCP1117
family of low dropout voltage regulators, with reduced quiescent
current. It is intended primarily for high volume consumer
applications over the 0 to 125 degree temperature range. Capable of
providing an output current in excess of 1 A, with a dropout voltage of
1.3 V at 1 A full current load, the series consists of an adjustable and
five fixed voltage versions of 1.5 V, 1.8 V, 2.5 V, 3.3 V and 5.0 V.
Internal protection features consist of output current limiting and
built−in thermal shutdown. The NCP1117LP series can operate up to
18 V max input voltage. The device is available in the popular
SOT−223 package.
Features
Output Current in Excess of 1.0 A
1.4 V Maximum Dropout Voltage at 1 A
Quiescent Current over 10 times Lower than Traditional 1117
Fixed Output Voltages of 1.5 V, 1.8 V, 2.5 V, 3.3 V and 5.0 V
Adjustable Output Voltage Option
No Minimum Load Requirement for Fixed Voltage Output Devices
Good Noise Rejection
Current Limit and Thermal Shutdown Protection
Operation up to 18 V Input
These are Pb−Free Devices
Applications
TV and Monitors
Set Top Boxes and Entertainment Devices
Switching Power Supply Post Regulation
Game Consoles and Consumer Applications
Hard Drive Controllers
1
2 Output
3
Input
NCP1117LP
++
Figure 1. Fixed
Output Regulator
Cout = 10 mF
1
2 Output
Cin = 10 mF
3
Input
NCP1117LP
++
Figure 2. Adjustable
Output Regulator
TYPICAL APPLICATIONS
Cout = 10 mF
Cin = 10 mF
SOT−223
ST SUFFIX
CASE 318H
1
3
Pin: 1. Adjust/Ground
2. Output
3. Input
http://onsemi.com
AYW
17Lxx G
G
xx
= 15, 18, 25, 33, 50, AD
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
12
3
4
(Note: Microdot may be in either location)
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NCP1117LPST15T3G
NCP1117LPST18T3G
SOT−223
(Pb−Free)
4000/Tape &
Reel
NCP1117LPST25T3G
NCP1117LPST33T3G
NCP1117LPST50T3G
NCP1117LPSTADT3G
Heatsink tab is connected to Pin 2.


Similar Part No. - NCP1117LPST50T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1117LPST50T3G ONSEMI-NCP1117LPST50T3G Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
More results

Similar Description - NCP1117LPST50T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1117ST50T3G ONSEMI-NCV1117ST50T3G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
NCP1117 ONSEMI-NCP1117_14 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117 ONSEMI-NCP1117 Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
NCP1117 ONSEMI-NCP1117_07 Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com