Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP690MNADJT2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP690MNADJT2G
Description  1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP690MNADJT2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP690MNADJT2G Datasheet HTML 2Page - ON Semiconductor NCP690MNADJT2G Datasheet HTML 3Page - ON Semiconductor NCP690MNADJT2G Datasheet HTML 4Page - ON Semiconductor NCP690MNADJT2G Datasheet HTML 5Page - ON Semiconductor NCP690MNADJT2G Datasheet HTML 6Page - ON Semiconductor NCP690MNADJT2G Datasheet HTML 7Page - ON Semiconductor NCP690MNADJT2G Datasheet HTML 8Page - ON Semiconductor NCP690MNADJT2G Datasheet HTML 9Page - ON Semiconductor NCP690MNADJT2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NCP690, NCP691, NCP692
http://onsemi.com
6
Table 6. ELECTRICAL CHARACTERISTICS VIN = (VOUT + 1 V), VEN = VIN, IOUT = 1 mA, CIN = 10 mF, COUT = 10 mF, for typical
values TJ = 25°C, for Min/Max values TJ = −40°C to 125°C; unless otherwise noted. (Note 5)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Output voltage
(Adjustable Version)
VIN = 1.75 V to 6.0 V
IOUT = 100 mA to 1 A
VOUT
1.231
(−1.5%)
1.250
1.269
(+1.5%)
V
Output voltage (Fixed Version)
VIN = (VOUT + 1 V) to 6.0 V
IOUT = 100 mA to 1 A
VOUT = 1.5 V
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
VOUT = 5.0 V
VOUT
1.470
1.764
2.450
3.234
4.900
(−2%)
1.5
1.8
2.5
3.3
5.0
1.530
1.836
2.550
3.366
5.100
(+2%)
V
Line regulation
VIN = (VOUT + 1 V) to 6.0 V
RegLINE
3.2
8
mV
Load regulation
IOUT = 100 mA to 1 A
VOUT = 1.5 V
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
VOUT = 5.0 V
RegLOAD
10
10
10
10
10
30
30
35
35
40
mV
Dropout voltage
(Adjustable Version, Note 6)
VDO = VIN − VOUT
VOUT = 1.25 V
IOUT = 1 A
VDO
450
470
mV
Dropout voltage
(Fixed Version, Note 9)
IOUT = 1 A
VOUT = 1.5 V
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
VOUT = 5.0 V
VDO
290
240
190
180
120
410
380
300
250
210
mV
Ground current
VIN = VOUT + 1 V,
VOUT = 1.5 V, 1.8 V,
2.5 V, 3.3 V
IOUT = 1 A
IOUT = 10 mA
IOUT = 100 mA
IGND
145
145
145
200
200
200
mA
VIN = VOUT + 1 V,
VOUT = 5.0 V
IOUT = 1 A
IOUT = 10 mA
IOUT = 100 mA
145
145
145
240
240
240
mA
Disable current (NCP692 only,
Notes 5 and 7)
VEN < 0.4 V
IDIS
0.1
1
mA
Output Current Limit
VIN = VOUT + 1 V, VOUT = 85% VOUT_NOM
ILIM
1.1
1.6
2.4
A
Short Circuit Current
VOUT = 0 V
ISC
1.2
A
Enable High Level Threshold
Enable Low Level Threshold
(NCP691 and NCP692)
VEN increasing from low to high logic level
VEN decreasing from high to low logic level
VEN_ HI
VEN_ LO
0.9
0.4
V
Enable Input Current
(Enable Active Low)
(NCP691 only, Note 8)
VEN = 0.9 V to VIN
IEN_HI
0.01
250
nA
Enable Input Current
(NCP692 only, Note 8)
VEN = 0 V
IEN_LO
0.01
100
nA
Feedback Current
VFB = 1.25 (Adjustable version only)
IIFB
210
320
nA
Turn−on Time (Note 8)
VIN = 0 V to (VOUT +1 V) or 1.75 V
VOUT = 0 V to 90% VOUT_NOM
tON
50
ms
5. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TJ = TA = 25_C. Low
duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
6. Maximum dropout voltage is limited by minimum input voltage. VIN = 1.7 V recommended for guaranteed operation at maximum output
current.
7. Refer to the Applications Information Section.
8. Values based on design and/or characterization.
9. Dropout voltage is defined as the differential voltage between VOUT and VIN, when VOUT drops 100 mV below its nominal value.


Similar Part No. - NCP690MNADJT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP690MNADJT2G ONSEMI-NCP690MNADJT2G Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
More results

Similar Description - NCP690MNADJT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP690 ONSEMI-NCP690_14 Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
NCP706B ONSEMI-NCP706B Datasheet
203Kb / 10P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 2
logo
Semtech Corporation
SC4205 SEMTECH-SC4205 Datasheet
218Kb / 8P
   Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
ON Semiconductor
NCP708 ONSEMI-NCP708 Datasheet
80Kb / 6P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
April, 2015 ??Rev. 1
NCP706 ONSEMI-NCP706_15 Datasheet
621Kb / 16P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2015 ??Rev. 7
logo
Semtech Corporation
SC4211 SEMTECH-SC4211_06 Datasheet
223Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211H SEMTECH-SC4211H Datasheet
405Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
logo
Texas Instruments
TPS7A7002 TI1-TPS7A7002_16 Datasheet
901Kb / 20P
[Old version datasheet]   Very Low Input, Very Low Dropout 3-A Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com