Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP629FC28T2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP629FC28T2G
Description  High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection in Chip Scale Package (CSP)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP629FC28T2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP629FC28T2G Datasheet HTML 1Page - ON Semiconductor NCP629FC28T2G Datasheet HTML 2Page - ON Semiconductor NCP629FC28T2G Datasheet HTML 3Page - ON Semiconductor NCP629FC28T2G Datasheet HTML 4Page - ON Semiconductor NCP629FC28T2G Datasheet HTML 5Page - ON Semiconductor NCP629FC28T2G Datasheet HTML 6Page - ON Semiconductor NCP629FC28T2G Datasheet HTML 7Page - ON Semiconductor NCP629FC28T2G Datasheet HTML 8Page - ON Semiconductor NCP629FC28T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NCP629
http://onsemi.com
2
Figure 2. Simplified Block Diagram
Driver with
Current Limit
Thermal
Shutdown
-
+
ENABLE
Vout
GND
Vin
Vref
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
C3
Vin
Positive Power Supply Input
A1
GND
Power Supply Ground; Device Substrate
A3
ENABLE
The Enable Input places the device into low-power standby when pulled to logic low (< 0.4 V).
Connect to Vin if the function is not used.
B2
NC
No Connection
C1
Vout
Regulated Output Voltage
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage Range (Note 1)
Vin
-0.3 to 6.5
V
Output Voltage Range
Vout
-0.3 to 6.5 (or Vin + 0.3)
Whichever is Lower
V
Enable Input Range
ENABLE
-0.3 to 6.5 (or Vin + 0.3)
Whichever is Lower
V
Maximum Junction Temperature
TJ(max)
150
°C
Storage Temperature Range
TSTG
-65 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
3500
V
ESD Capability, Machine Model (Note 2)
ESDMM
400
V
Moisture Sensitivity Level
MSL
MSL1/260
-
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC-Q100-002 (EIA/JESD22-A114)
ESD Machine Model tested per AEC-Q100-003 (EIA/JESD22-A115)
Latchup Current Maximum Rating:
≤150 mA per JEDEC standard: JESD78.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics (Note 3)
Thermal Resistance, Junction-to-Air (Note 4)
RqJA
277
°C/W
3. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
4. Values based on copper area of 645 mm2, 1 oz copper thickness.
OPERATING RANGES (Note 5)
Rating
Symbol
Min
Max
Unit
Operating Input Voltage (Note 6)
Vin
1.5
6
V
Output Current
Iout
0
150
mA
Ambient Temperature
TA
-40
125
°C
5. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
6. Minimum Vin = 1.5 V or (Vout + VDO), whichever is higher.


Similar Part No. - NCP629FC28T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
NCP623 ONSEMI-NCP623 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
NCP623 ONSEMI-NCP623 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP623DM ONSEMI-NCP623DM Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
NCP623DM-28R2G ONSEMI-NCP623DM-28R2G Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
More results

Similar Description - NCP629FC28T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP603 ONSEMI-NCP603 Datasheet
135Kb / 13P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection
November, 2007 - Rev. P1
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
NCP605 ONSEMI-NCP605 Datasheet
147Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2008 ??Rev. 1
NCV8605 ONSEMI-NCV8605 Datasheet
170Kb / 13P
   500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2010 ??Rev. 0
PACDN1408CG ONSEMI-PACDN1408CG Datasheet
112Kb / 5P
   ESD Protection Arrays in Chip Scale Package
October, 2011 ??Rev. 4
logo
California Micro Device...
PACDN2404C CALMIRCO-PACDN2404C Datasheet
52Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
PACDN1404C CALMIRCO-PACDN1404C Datasheet
51Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_V01 Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
logo
California Micro Device...
CM1206 CALMIRCO-CM1206 Datasheet
222Kb / 7P
   ESD Protection Arrays, Chip Scale Package
CM1205-16CP CALMIRCO-CM1205-16CP Datasheet
167Kb / 7P
   ESD Protection Arrays, Chip Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com