Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP304A Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP304A
Description  Voltage Detector Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP304A Datasheet(HTML) 4 Page - ON Semiconductor

  NCP304A Datasheet HTML 1Page - ON Semiconductor NCP304A Datasheet HTML 2Page - ON Semiconductor NCP304A Datasheet HTML 3Page - ON Semiconductor NCP304A Datasheet HTML 4Page - ON Semiconductor NCP304A Datasheet HTML 5Page - ON Semiconductor NCP304A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NCP304A
http://onsemi.com
4
−50
4.9
TA, AMBIENT TEMPERATURE (°C)
4.8
4.7
4.6
4.4
−25
0
25
50
75
100
4.5
4.3
Figure 3. NCP304A Series 4.5 V
Detector Threshold Voltage vs. Temperature
0
1.0
2.0
3.0
4.0
5.0
4.0
3.0
2.0
1.0
0
5.0
6.0
7.0
6.0
Vin, INPUT VOLTAGE (V)
Figure 4. NCP304AL Series 4.5 V
Reset Output Voltage vs. Input Voltage
VDET+
VDET−
TA = −30°C
TA = 25°C
TA = 85°C
Vin, INPUT VOLTAGE (V)
0
1.0
2.0
3.0
4.0
5.0
12
6.0
4.0
0
2.0
8.0
10
TA = 85°C
TA = 25°C
TA = −30°C
2.0
0
2.0
6.0
8.0
1.5
1.0
0.5
0
Vin, INPUT VOLTAGE (V)
4.0
10
Figure 5. NCP304A Series 4.5 V
Input Current vs. Input Voltage
Figure 6. NCP304AH Series 4.5 V
Reset Output Sink Current vs. Input Voltage
TA = 25°C
OPERATING DESCRIPTION
The NCP304A is a second generation ultra−low current
voltage detectors. Figures 7 and 8 show a timing diagram
and a typical application. Initially consider that input
voltage Vin is at a nominal level and it is greater than the
voltage detector upper threshold (VDET+), and the reset
output (Pin 3) will be in the high state for active low devices,
or in the low state for active high devices. If there is a power
interruption and Vin becomes significantly deficient, it will
fall below the lower detector threshold (VDET−). This
sequence of events causes the Reset output to be in the low
state for active low devices, or in the high state for active
high devices. After completion of the power interruption,
Vin will again return to its nominal level and become greater
than the VDET+. The voltage detector has built−in hysteresis
to prevent erratic reset operation as the comparator threshold
is crossed.
Although this device is specifically designed for use as a
reset controller in portable microprocessor based systems, it
offers a cost−effective solution in numerous applications
where precise voltage monitoring is required.


Similar Part No. - NCP304A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP304 ONSEMI-NCP304 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304HSQ09T1 ONSEMI-NCP304HSQ09T1 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304HSQ09T1 ONSEMI-NCP304HSQ09T1 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
More results

Similar Description - NCP304A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP302 ONSEMI-NCP302_14 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCP300 ONSEMI-NCP300_16 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN24T1G ONSEMI-NCP301LSN24T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300_07 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com