Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCN6024DWR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCN6024DWR2G
Description  Compact and Low Cost Smart Card Interface IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN6024DWR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCN6024DWR2G Datasheet HTML 1Page - ON Semiconductor NCN6024DWR2G Datasheet HTML 2Page - ON Semiconductor NCN6024DWR2G Datasheet HTML 3Page - ON Semiconductor NCN6024DWR2G Datasheet HTML 4Page - ON Semiconductor NCN6024DWR2G Datasheet HTML 5Page - ON Semiconductor NCN6024DWR2G Datasheet HTML 6Page - ON Semiconductor NCN6024DWR2G Datasheet HTML 7Page - ON Semiconductor NCN6024DWR2G Datasheet HTML 8Page - ON Semiconductor NCN6024DWR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2009
July, 2009 − Rev. 1
1
Publication Order Number:
NCN6024/D
NCN6024
Compact and Low Cost
Smart Card Interface IC
The NCN6024 is a compact and low cost single smart card interface
IC. It is dedicated for 3.0 V/5.0 V smart card reader/writer
applications.
The device is fully compatible with the ISO 7816−3 and EMV
standards as well as with standards specifying conditional access in
Set−Top−Box (STB).
Features
Single IC Card Interface
Fully Compatible with ISO 7816−3, EMV and Related Standards
Including STB Standards
Three Protected Bidirectional Buffered I/O Lines (C4, C7 and C8
Card Pins)
3.0 V or 5.0 V ± 5% Regulated Card Power Supply such as ICC ≤
65 mA at VDDP = 4.5 V to 5.5 V
Independent Power Supply on Controller Interface
(2.7 V < VDD < 5.5 V)
Thermal and Short Circuit Protection on all Card Pins
Support up to 20 MHz Clock with Internal Division Ratio 1/1, 1/2,
1/4 and 1/8 through CLKDIV1 and CLKDIV2
ESD Protection on Card Pins up to 8 kV+ (Human Body Model)
Activation/Deactivation Sequences
Fault Protection Mechanisms Enabling Automatic Device
Deactivation in Case of Overload, Overheating, Card Take−off or
Power Supply Drop−out
Interrupt Signal INT for Card Presence and Faults
External Undervoltage Lockout Threshold Adjustment on VDD
(PORADJ Pin)
Available in 2 Package Formats: SOIC−28 and TSSOP−28
These are Pb−Free Devices
Typical Application
Pay TV, Set Top Box Decoder with Conditional Access and
Pay−per−View
Conditional Access Module (CAM)
Portable Systems
Point Of Sales and Transaction Terminals
Electronic Payment and Identification
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
NCN6024 = Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
http://onsemi.com
SOIC−28*
CASE 751F
TSSOP−28
CASE 948AA
1
28
NCN6024
AWLYYWWG
NCN
6024G
ALYW
*Consult Sales Office


Similar Part No. - NCN6024DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6000 ONSEMI-NCN6000 Datasheet
361Kb / 36P
   Compact Smart Card Interface IC
March, 2006 ??Rev. 4
NCN6000DTB ONSEMI-NCN6000DTB Datasheet
361Kb / 36P
   Compact Smart Card Interface IC
March, 2006 ??Rev. 4
NCN6000DTBG ONSEMI-NCN6000DTBG Datasheet
361Kb / 36P
   Compact Smart Card Interface IC
March, 2006 ??Rev. 4
NCN6000DTBR2 ONSEMI-NCN6000DTBR2 Datasheet
361Kb / 36P
   Compact Smart Card Interface IC
March, 2006 ??Rev. 4
NCN6000DTBR2G ONSEMI-NCN6000DTBR2G Datasheet
361Kb / 36P
   Compact Smart Card Interface IC
March, 2006 ??Rev. 4
More results

Similar Description - NCN6024DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN8026A ONSEMI-NCN8026A Datasheet
166Kb / 14P
   Compact Low Power Smart Card Interface IC
January, 2013 ??Rev. 2
NCN8026A ONSEMI-NCN8026A_16 Datasheet
125Kb / 15P
   Compact Low Power Smart Card Interface IC
May, 2016 ??Rev. 7
NCN6001 ONSEMI-NCN6001 Datasheet
332Kb / 36P
   Compact Smart Card Interface IC
July, 2003 - Rev. 2
NCN8025 ONSEMI-NCN8025 Datasheet
190Kb / 15P
   Compact SMART CARD Interface IC
May, 2012 ??Rev. 4
NCN8025 ONSEMI-NCN8025_16 Datasheet
137Kb / 15P
   Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
NCN6000 ONSEMI-NCN6000 Datasheet
361Kb / 36P
   Compact Smart Card Interface IC
March, 2006 ??Rev. 4
NCN6001 ONSEMI-NCN6001_14 Datasheet
524Kb / 33P
   Compact Smart Card Interface IC
October, 2014 ??Rev. 6
NCN8025AMNGEVB ONSEMI-NCN8025AMNGEVB Datasheet
137Kb / 15P
   Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
NCN6001 ONSEMI-NCN6001_06 Datasheet
471Kb / 34P
   Compact Smart Card Interface IC
January, 2006 ??Rev. 3
logo
Maxim Integrated Produc...
73S8024RN MAXIM-73S8024RN Datasheet
459Kb / 27P
   Low-Cost Smart Card Interface
Rev 2; 6/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com