Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCL30000DR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCL30000DR2G
Description  Power Factor Corrected Dimmable LED Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30000DR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCL30000DR2G Datasheet HTML 1Page - ON Semiconductor NCL30000DR2G Datasheet HTML 2Page - ON Semiconductor NCL30000DR2G Datasheet HTML 3Page - ON Semiconductor NCL30000DR2G Datasheet HTML 4Page - ON Semiconductor NCL30000DR2G Datasheet HTML 5Page - ON Semiconductor NCL30000DR2G Datasheet HTML 6Page - ON Semiconductor NCL30000DR2G Datasheet HTML 7Page - ON Semiconductor NCL30000DR2G Datasheet HTML 8Page - ON Semiconductor NCL30000DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
NCL30000
http://onsemi.com
2
+
Figure 1. Block Diagram
E/A
Demag
UVP
Fault
LEB
195 ns*
Off Timer
Reset
PWM
R
Q
S
(Enable EA)
DRV
Q
All SR Latches are Reset Dominant
ZCD
Clamp
OVP
VCC
DRV
GND
mVDD
VCC
MFP
ZCD
Ct
CS
COMP
+
+
VOVP
+
VUVP
RMFP
VREF
+
gm
+
VControl
R
Q
S
Q
R
Q
S
Q
R
Q
S
Q
VZCD(TRIG)
+
+
VZCD(ARM)
+
+
+
+
VDD
Add Ct
Offset
275 mA*
VEAH
Clamp
+
180 ms*
VCC
Management
VDD
Power Good
mVDD
OCP
VILIM
* Typical Values Shown


Similar Part No. - NCL30000DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30000DR2G ONSEMI-NCL30000DR2G Datasheet
274Kb / 22P
   Power Factor Corrected Dimmable LED Driver
September, 2012 ??Rev. 1
More results

Similar Description - NCL30000DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30486 ONSEMI-NCL30486 Datasheet
290Kb / 29P
   Dimmable Power Factor Corrected LED Driver
August, 2020 ??Rev. 0
NCL30000 ONSEMI-NCL30000_12 Datasheet
274Kb / 22P
   Power Factor Corrected Dimmable LED Driver
September, 2012 ??Rev. 1
NCL30386 ONSEMI-NCL30386 Datasheet
317Kb / 21P
   Dimmable Power Factor Corrected LED Driver Featuring Primary Side CC
April, 2018 ??Rev. P2
NCL30002 ONSEMI-NCL30002 Datasheet
232Kb / 17P
   Power Factor Corrected Buck LED Driver
March, 2012 ??Rev. 0
logo
SL Power Electronics
TCM-1000 SLPOWER-TCM-1000 Datasheet
125Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED POWER FACTOR CORRECTED
logo
ON Semiconductor
NCL30186 ONSEMI-NCL30186 Datasheet
380Kb / 28P
   Analog/Digital Dimmable Power Factor Corrected Quasi-Resonant Primary
May, 2016 ??Rev. 1
logo
Power Integrations, Inc...
DI-67 POWERINT-DI-67 Datasheet
74Kb / 2P
   Isolated, Power Factor Corrected (PFC), 17 W LED Driver
logo
ON Semiconductor
NCL30488 ONSEMI-NCL30488 Datasheet
259Kb / 22P
   Power Factor Corrected LED Driver with Primary Side CC/CV
August, 2020 ??Rev. 0
NCL30488 ONSEMI-NCL30488_V01 Datasheet
339Kb / 24P
   Power Factor Corrected LED Driver with Primary Side CC/CV
May, 2021 ??Rev. 2
NCL30095A ONSEMI-NCL30095A Datasheet
321Kb / 22P
   Power Factor Corrected LED Boost Switching Regulator
September, 2017 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com