Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCL30000DR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCL30000DR2G
Description  Power Factor Corrected Dimmable LED Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30000DR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCL30000DR2G Datasheet HTML 6Page - ON Semiconductor NCL30000DR2G Datasheet HTML 7Page - ON Semiconductor NCL30000DR2G Datasheet HTML 8Page - ON Semiconductor NCL30000DR2G Datasheet HTML 9Page - ON Semiconductor NCL30000DR2G Datasheet HTML 10Page - ON Semiconductor NCL30000DR2G Datasheet HTML 11Page - ON Semiconductor NCL30000DR2G Datasheet HTML 12Page - ON Semiconductor NCL30000DR2G Datasheet HTML 13Page - ON Semiconductor NCL30000DR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
NCL30000
http://onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 14. Ct Peak Voltage vs. Junction
Temperature
Figure 15. PWM Propagation Delay vs.
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
100
75
50
25
0
−25
−50
4.0
4.5
5.0
5.5
6.0
100
110
120
130
140
150
160
170
Figure 16. Current Sense Voltage Threshold
vs. Junction Temperature
Figure 17. Leading Edge Blanking Duration vs.
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
0.480
0.485
0.490
0.495
0.500
0.505
0.515
0.520
180
190
200
210
220
Figure 18. Maximum Off Time in Absence of
ZCD Transition vs. Junction Temperature
Figure 19. Drive Resistance vs. Junction
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
165
170
175
180
190
195
200
205
125
100
75
50
25
0
−25
−50
0
2
4
8
10
14
16
18
125
100
75
50
25
0
−25
−50
125
0.510
125
100
75
50
25
0
−25
−50
185
6
12
ROH
ROL


Similar Part No. - NCL30000DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30000DR2G ONSEMI-NCL30000DR2G Datasheet
274Kb / 22P
   Power Factor Corrected Dimmable LED Driver
September, 2012 ??Rev. 1
More results

Similar Description - NCL30000DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30486 ONSEMI-NCL30486 Datasheet
290Kb / 29P
   Dimmable Power Factor Corrected LED Driver
August, 2020 ??Rev. 0
NCL30000 ONSEMI-NCL30000_12 Datasheet
274Kb / 22P
   Power Factor Corrected Dimmable LED Driver
September, 2012 ??Rev. 1
NCL30386 ONSEMI-NCL30386 Datasheet
317Kb / 21P
   Dimmable Power Factor Corrected LED Driver Featuring Primary Side CC
April, 2018 ??Rev. P2
NCL30002 ONSEMI-NCL30002 Datasheet
232Kb / 17P
   Power Factor Corrected Buck LED Driver
March, 2012 ??Rev. 0
logo
SL Power Electronics
TCM-1000 SLPOWER-TCM-1000 Datasheet
125Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED POWER FACTOR CORRECTED
logo
ON Semiconductor
NCL30186 ONSEMI-NCL30186 Datasheet
380Kb / 28P
   Analog/Digital Dimmable Power Factor Corrected Quasi-Resonant Primary
May, 2016 ??Rev. 1
logo
Power Integrations, Inc...
DI-67 POWERINT-DI-67 Datasheet
74Kb / 2P
   Isolated, Power Factor Corrected (PFC), 17 W LED Driver
logo
ON Semiconductor
NCL30488 ONSEMI-NCL30488 Datasheet
259Kb / 22P
   Power Factor Corrected LED Driver with Primary Side CC/CV
August, 2020 ??Rev. 0
NCL30488 ONSEMI-NCL30488_V01 Datasheet
339Kb / 24P
   Power Factor Corrected LED Driver with Primary Side CC/CV
May, 2021 ??Rev. 2
NCL30095A ONSEMI-NCL30095A Datasheet
321Kb / 22P
   Power Factor Corrected LED Boost Switching Regulator
September, 2017 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com