Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPA200 Datasheet(PDF) 6 Page - Texas Instruments

Part # DLPA200
Description  DLP짰 DLPA200 DMD Micromirror Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA200 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLPA200_1 Datasheet HTML 2Page - Texas Instruments DLPA200_1 Datasheet HTML 3Page - Texas Instruments DLPA200_1 Datasheet HTML 4Page - Texas Instruments DLPA200_1 Datasheet HTML 5Page - Texas Instruments DLPA200_1 Datasheet HTML 6Page - Texas Instruments DLPA200_1 Datasheet HTML 7Page - Texas Instruments DLPA200_1 Datasheet HTML 8Page - Texas Instruments DLPA200_1 Datasheet HTML 9Page - Texas Instruments DLPA200_1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DLPA200
DLPS015A – APRIL 2010 – REVISED JUNE 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS
at TA = 25°C, P12V = 10.8 V to 13.2 V (unless otherwise noted). The functional performance of the device specified in this
data sheet is achieved when operating the device within the limits defined by the Recommended Operating Conditions. No
level of performance is implied when operating the device above or below the Recommended Operating Conditions limits.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Control Logic
VIL
Low-level logic input voltage
0.8
V
VIH
High-level logic input voltage
1.97
V
IIH
High-level logic input current
VIN = 5 V, input with pulldown. See terminal
40
50
µA
functions table.
IIL
Low-level logic input current
VIN = 0 V, input with pullup. See terminal functions
–50
–40
µA
table.
IIH
High-level logic input leakage
VIN = 0 V, input with pulldown
–1
1
µA
current
IIL
Low-level logic input leakage
VIN = 5 V, input with pullup
–1
1
µA
current
VOL
Open drain logic outputs
I = 4 mA
0.4
V
IOL
Logic output leakage current
V = 3.3 V
1
µA
Power
IP12V1
P12V supply current(1)
Global shadow at 50 kHz, OUT load = 39
Ω and 390
200
pF, V5REG = 30 mA, VBIAS = 26 V at 5 mA, VOFFSET
mA
= 10V at 30 mA, VRESET = –26 V
IP12V2
Outputs disabled and no external loads, VBIAS = 19
22
mA
V, VOFFSET = 4.5 V, VRESET = –19 V
TJTSDR
Thermal shutdown temperature
With device temperature rising
145
160
175
°C
Hysteresis
5
10
15
°C
Delta between thermal
5
10
15
°C
shutdown and thermal warning
TJTWR
Thermal warning temperature
With device temperature rising
125
140
155
°C
Hysteresis
5
10
15
°C
(1)
During power up the inrush power supply current can be as high as 1 A for a momentary period of time.
ELECTRICAL CHARACTERISTICS
5-V Linear Regulator
TA = 25°C, P12V = 10.8 V to 13.2 V (unless otherwise noted)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V5REG
Output voltage
Average voltage, I_out = 4 mA to 50 mA
4.75
5
5.25
V
IIL
Output current: internal logic
4
20
mA
IIE
Output current: external
0
30
mA
circuitry
ICL5
Current limit
80
mA
VUV5
Undervoltage threshold
I_out = 50 mA
V5REG voltage increasing, P12V
4.1
= 5.4 V
V
V5REG voltage falling, P12V =
3.9
5.2 V
VRIP
Output ripple voltage(1)
200
mVpk-pk
VOS5
Voltage overshoot at start up
2
%V5REG
tss
Power up
Measured between 10 to 90% of V5REG
1
ms
(1)
Output ripple voltage relies on suitable external components being selected and good printed circuit board layout practice.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DLPA200


Similar Part No. - DLPA200_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA200_15 TI-DLPA200_15_15 Datasheet
431Kb / 29P
[Old version datasheet]   DLPA200 DLP짰 DMD Micromirror Driver9
More results

Similar Description - DLPA200_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA200 TI-DLPA200 Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
DLPA200_15 TI-DLPA200_15_15 Datasheet
431Kb / 29P
[Old version datasheet]   DLPA200 DLP짰 DMD Micromirror Driver9
DLPA200 TI1-DLPA200 Datasheet
438Kb / 29P
[Old version datasheet]   DMD Micromirror Driver
DLPA300 TI-DLPA300 Datasheet
1Mb / 27P
[Old version datasheet]   DLPA300 DMD Micromirror Driver
OCTOBER 2021
DLP5500 TI-DLP5500 Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
DLP1700 TI1-DLP1700 Datasheet
1Mb / 25P
[Old version datasheet]   DLP짰 0.17 HVGA DDR Series 210 DMD
DLPC100 TI1-DLPC100 Datasheet
495Kb / 25P
[Old version datasheet]   DLP짰 Digital Controller for the DLP1700 DMD
DLPC300 TI1-DLPC300 Datasheet
726Kb / 39P
[Old version datasheet]   DLP짰 Digital Controller for the DLP3000 DMD
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com