Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2944L9DRBT Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ2944L9DRBT
Description  Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2944L9DRBT Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2944L9DRBT Datasheet HTML 5Page - Texas Instruments BQ2944L9DRBT Datasheet HTML 6Page - Texas Instruments BQ2944L9DRBT Datasheet HTML 7Page - Texas Instruments BQ2944L9DRBT Datasheet HTML 8Page - Texas Instruments BQ2944L9DRBT Datasheet HTML 9Page - Texas Instruments BQ2944L9DRBT Datasheet HTML 10Page - Texas Instruments BQ2944L9DRBT Datasheet HTML 11Page - Texas Instruments BQ2944L9DRBT Datasheet HTML 12Page - Texas Instruments BQ2944L9DRBT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
bq29440, bq2944L0
bq29449, bq2944L9
www.ti.com
SLUSA15B – MARCH 2010 – REVISED JUNE 2010
REVISION HISTORY
Changes from Original (March 2010) to Revision A
Page
Changed VOUT first Test Condition - From: VDD = 25V To: VDD = 20V. MAX value From: 9.0 To 9.5 .................................. 4
Changes from Revision A (March 2010) to Revision B
Page
Changed the low power consumption value from 3 µA to 2 µA Typical ............................................................................... 1
Changed the Ordering Information ....................................................................................................................................... 2
Changed the Functional Block Diagram ............................................................................................................................... 3
Changed the Electrical Characteristics ................................................................................................................................. 4
Changed the Protection (Out) Timing Section to Protection (Out) Timing and Delay Time Capacitor Sizing ...................... 5
Added the 2-series and 3-series cell configurations ............................................................................................................. 7
Added the Cell Connection Sequence Section ..................................................................................................................... 8
Changed the Test Mode Section .......................................................................................................................................... 8
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq29440 bq2944L0 bq29449 bq2944L9


Similar Part No. - BQ2944L9DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2944L9DRBT TI-BQ2944L9DRBT Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ2944L9DRBT TI1-BQ2944L9DRBT Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
More results

Similar Description - BQ2944L9DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29410 TI-BQ29410 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410 TI-BQ29410_07 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29441 TI-BQ29441 Datasheet
558Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com