Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2944L9DRBR Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ2944L9DRBR
Description  Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2944L9DRBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2944L9DRBR Datasheet HTML 2Page - Texas Instruments BQ2944L9DRBR Datasheet HTML 3Page - Texas Instruments BQ2944L9DRBR Datasheet HTML 4Page - Texas Instruments BQ2944L9DRBR Datasheet HTML 5Page - Texas Instruments BQ2944L9DRBR Datasheet HTML 6Page - Texas Instruments BQ2944L9DRBR Datasheet HTML 7Page - Texas Instruments BQ2944L9DRBR Datasheet HTML 8Page - Texas Instruments BQ2944L9DRBR Datasheet HTML 9Page - Texas Instruments BQ2944L9DRBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
OUT
L
H
V
PROTECT
V
PROTECT
V
HYS
Cell Voltage
VC1–VC2
VC2–VC3
VC3–VC4
VC4–GND
T0461-01
t
d
CD
DELAY
d
t
=
c
x
[
]
CD
d
CD
1.2 V
C
t
I
´
=
bq29440, bq2944L0
bq29449, bq2944L9
SLUSA15B – MARCH 2010 – REVISED JUNE 2010
www.ti.com
Figure 4. Timing for Overvoltage Sensing
Sizing the external capacitor is based on the desired delay time as follows:
Where td is the desired delay time and xDELAY is the overvoltage delay time scale factor, expressed in seconds
per microFarad. xDELAY is nominally 8.5 s/µF. For example, if a nominal delay of 3 seconds is desired, the
customer should use a CCD capacitor that is 3 s / 8.5 s/µF = 0.35 µF.
The delay time is calculated as follows:
If the cell overvoltage condition is removed before the external capacitor reaches the reference voltage, the
internal current source is disabled and an internal discharge block is employed to discharge the external
capacitor down to 0 V. In this instance, the OUT pin remains in a low state.
For latched versions of the bq2944x, if an overvoltage condition has caused the OUT pin to transition to a high
state, the external capacitor remains charged even after the overvoltage condition has been removed. In this
instance, the OUT pin remains in a high state.
For non-latched versions, the OUT pin is allowed to transition back from a high to low state when the overvoltage
condition is no longer present, and the external capacitor is discharged down to 0 V.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq29440 bq2944L0 bq29449 bq2944L9


Similar Part No. - BQ2944L9DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2944L9DRBR TI-BQ2944L9DRBR Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ2944L9DRBR TI1-BQ2944L9DRBR Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
More results

Similar Description - BQ2944L9DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29410 TI-BQ29410 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410 TI-BQ29410_07 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29441 TI-BQ29441 Datasheet
558Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com