Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29209DRBT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29209DRBT
Description  Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29209DRBT Datasheet(HTML) 3 Page - Texas Instruments

  BQ29209DRBT Datasheet HTML 1Page - Texas Instruments BQ29209DRBT Datasheet HTML 2Page - Texas Instruments BQ29209DRBT Datasheet HTML 3Page - Texas Instruments BQ29209DRBT Datasheet HTML 4Page - Texas Instruments BQ29209DRBT Datasheet HTML 5Page - Texas Instruments BQ29209DRBT Datasheet HTML 6Page - Texas Instruments BQ29209DRBT Datasheet HTML 7Page - Texas Instruments BQ29209DRBT Datasheet HTML 8Page - Texas Instruments BQ29209DRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
5V LDO &
POR
CD
OUT
VDD
GND
VC1
VC2
ICD(CHG) =
150 nA
0.1 µF
CB_EN
+
+
-
-
Hys.
CB
Logic
CTRL
VC1_CB
CB2_EN
CB1_EN
bq29200
bq29209
www.ti.com
SLUSA52 – JUNE 2010
FUNCTIONAL BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Over-operating free-air temperature range (unless otherwise noted)
(1)
VALUE / UNIT
Supply voltage range, VMAX
VDD–GND
–0.3 to 16 V
VC2–GND, VC1–GND
–0.3 to 16 V
Input voltage range, VIN
VC2–VC1, CD–GND
–0.3 to 8 V
CB_EN–GND
–0.3 to 16 V
Output voltage range, VOUT
OUT–GND
–0.3 to 16 V
Continuous total power dissipation, PTOT
See package dissipation rating
Storage temperature range, TSTG
–65°C to 150°C
Lead temperature (soldering, 10 s), TSOLDER
300°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4
10
V
Input voltage range
VC2–VC1, VC1–GND
0
5
V
Delay time capacitance, td(CD)
CCD (See Figure 4)
0.1
µF
Voltage monitor filter resistance
RIN (See Figure 4)
100
1K
Ω
Voltage monitor filter capacitance CIN (See Figure 4)
0.01
0.1
µF
Supply voltage filter resistance
RVD (See Figure 4)
100
1K
Ω
Supply voltage filter capacitance
CVD (See Figure 4)
0.1
µF
Cell balance resistance
RCB (See Figure 4 and PROTECTION (OUT) TIMING)
100
4.7K
Ω
Operating ambient temperature range, TA
–40
110
°C
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq29200 bq29209


Similar Part No. - BQ29209DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29209DRBT TI1-BQ29209DRBT Datasheet
913Kb / 24P
[Old version datasheet]    Voltage Protection with Automatic Cell Balance
More results

Similar Description - BQ29209DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29200 TI1-BQ29200_16 Datasheet
913Kb / 24P
[Old version datasheet]    Voltage Protection with Automatic Cell Balance
BQ29209-Q1 TI1-BQ29209-Q1 Datasheet
897Kb / 23P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance
logo
Mitsumi Electronics, Co...
MM3513 MITSUMI-MM3513 Datasheet
44Kb / 2P
   Voltage Monitor IC for Li-ion Cell Balance
logo
Texas Instruments
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Texas Instruments
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com