Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25060DQCT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25060DQCT
Description  1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25060DQCT Datasheet(HTML) 5 Page - Texas Instruments

  BQ25060DQCT Datasheet HTML 1Page - Texas Instruments BQ25060DQCT Datasheet HTML 2Page - Texas Instruments BQ25060DQCT Datasheet HTML 3Page - Texas Instruments BQ25060DQCT Datasheet HTML 4Page - Texas Instruments BQ25060DQCT Datasheet HTML 5Page - Texas Instruments BQ25060DQCT Datasheet HTML 6Page - Texas Instruments BQ25060DQCT Datasheet HTML 7Page - Texas Instruments BQ25060DQCT Datasheet HTML 8Page - Texas Instruments BQ25060DQCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
CHARGE
CONTROL
VIN
ISET
CHG
OUT
EN
VSS
+
1V
+
Charge
Pump
Charge
Pump
+
VIN_DPM
100mV
LDO
BAT
BGATE
+
+
VLDO
TSHOT
TSCOLD
TS
Precharge
CurrentSource
+
TERMINATION
COMPARATOR
USB
Enable
VREF
VOUTMIN
DISABLE
STATUS
OUTPUT
75mV
VBAT
VOVP
+
VOUT(REG)
TJ
125C
2.9V
VOUT(MIN)
IIN(REG)
Q1
Q2
SleepComparator
OVP Comparator
VIN
VIN
VOUTMIN Enable
Comparator
VBAT
3.6V
ExternalPowerPath
ControlMode
ExternalPowerPath
ControlMode
bq25060
www.ti.com
SLUSA32 – MAY 2010
DEVICE INFORMATION
SIMPLIFIED BLOCK DIAGRAM
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq25060


Similar Part No. - BQ25060DQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq25060DQCT TI-bq25060DQCT Datasheet
1Mb / 22P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
More results

Similar Description - BQ25060DQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25060 TI-BQ25060 Datasheet
1Mb / 22P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
BQ25050 TI1-BQ25050 Datasheet
1Mb / 28P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path
BQ25050 TI-BQ25050_15 Datasheet
2Mb / 28P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path Control, and Single Input Interface
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com