Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1810BP07B200E Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 1810BP07B200E
Description  1810 MHz Band Pass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

1810BP07B200E Datasheet(HTML) 1 Page - Johanson Technology Inc.

  1810BP07B200E Datasheet HTML 1Page - Johanson Technology Inc. 1810BP07B200E Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1810 MHz Band Pass Filter
P/N 1810BP07B200
Detail Specification: 06/21/06
Page 1 of 2
General Specifications
Part Number
1810BP07B200
Impedance
50 Ω
Frequency (MHz)
1710 - 1910
Input Power
500 mW max.
Insertion Loss
2.0 dB max.
Operating Temperature
-40 to +85°C
Return Loss
9.5 dB min.
Storage Temperature
-40 to +85°C
Attenuation (min.)
20 dB @ 855 - 955 MHz
Reel Quantity
10,000
Attenuation (min.)
12 dB @ 2565 - 2865 MHz
Packaging
Bulk
Suffix = S
Eg. 1810BP07B200S
P/N
Style
T & R
Suffix = E
Eg. 1810BP07B200E
No.
Function
Suffix Termination
100% Tin
Suffix = None
Eg. 1810BP07B200(E or S)
1
GND
Style
Tin / Lead
Suffix = /Pb
Eg. 1810BP07B200(E or S)00P
2
OUT
3
GND
Mechanical Dimensions
4
IN
In
mm
L
±±
W
±±
T
±±
a
±±
b
±±
Mounting Considerations
* Line width should be designed to provide 50 ohm impedance, depending on PCB material and thickness
Units: mm
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2003 Johanson Technology, Inc. All Rights Reserved
0.020
0.010
0.25
0.006
"High Frequency Ceramic Solutions"
0.002
0.039
1.00
0.05
Terminal Configuration
0.004
0.015
0.002
0.004
0.10
0.10
0.002
0.50
0.38
0.15
0.05
0.05
Land
Solder
Through-hole (
φ0.35)
1
2
3
4
a
b
L
W
T
0.5
0.6
1.45
0.3
0.75


Similar Part No. - 1810BP07B200E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
1810BP07B200 JOHANSON-1810BP07B200 Datasheet
80Kb / 2P
   Integrated Passive Component Packaging
1810BP07B200T JOHANSON-1810BP07B200T Datasheet
215Kb / 3P
   1810 MHz Band Pass Filter
More results

Similar Description - 1810BP07B200E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
1810BP07B200T JOHANSON-1810BP07B200T Datasheet
215Kb / 3P
   1810 MHz Band Pass Filter
1810BP07C200 JOHANSON-1810BP07C200 Datasheet
127Kb / 2P
   1810 MHz Band Pass Filter
1810BP07C200T JOHANSON-1810BP07C200T Datasheet
127Kb / 2P
   1810 MHz Band Pass Filter
1810LP07B200 JOHANSON-1810LP07B200 Datasheet
114Kb / 2P
   1810 MHz Low Pass Filter
1810LP07B200T JOHANSON-1810LP07B200T Datasheet
204Kb / 2P
   1810 MHz Low Pass Filter
0869LD14C1810 JOHANSON-0869LD14C1810 Datasheet
128Kb / 2P
   869/1810 MHz Dual Low Pass Filter
0869LD14D1810 JOHANSON-0869LD14D1810 Datasheet
327Kb / 3P
   869/1810 MHz Dual Low Pass Filter
2450BP07A0100 JOHANSON-2450BP07A0100 Datasheet
128Kb / 2P
   2450 MHz Band Pass Filter
2450BP14E0100 JOHANSON-2450BP14E0100 Datasheet
125Kb / 2P
   2450 MHz Band Pass Filter
2450BP15E0100 JOHANSON-2450BP15E0100 Datasheet
129Kb / 2P
   2450 MHz Band Pass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com